Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6291AILT Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSV6291AILT
Description  Micropower with high merit factor CMOS operational amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6291AILT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSV6291AILT Datasheet HTML 8Page - STMicroelectronics TSV6291AILT Datasheet HTML 9Page - STMicroelectronics TSV6291AILT Datasheet HTML 10Page - STMicroelectronics TSV6291AILT Datasheet HTML 11Page - STMicroelectronics TSV6291AILT Datasheet HTML 12Page - STMicroelectronics TSV6291AILT Datasheet HTML 13Page - STMicroelectronics TSV6291AILT Datasheet HTML 14Page - STMicroelectronics TSV6291AILT Datasheet HTML 15Page - STMicroelectronics TSV6291AILT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Application information
TSV6290, TSV6290A, TSV6291, TSV6291A
12/23
Doc ID 17117 Rev 1
3
Application information
3.1
Operating voltages
The TSV6290 and TSV6291 can operate from 1.5 to 5.5 V. Their parameters are fully
specified for 1.8, 3.3 and 5 V power supplies. However, the parameters are very stable in the
full VCC range and several characterization curves show the TSV629x characteristics at
1.5 V. Additionally, the main specifications are guaranteed in extended temperature ranges
from -40° C to +125° C.
3.2
Rail-to-rail input
The TSV6290 and TSV6291 are built with two complementary PMOS and NMOS input
differential pairs. The devices have a rail-to-rail input, and the input common-mode range is
extended from VCC- -0.1 V to VCC+ +0.1 V. The transition between the two pairs appears at
VCC+ -0.7 V. In the transition region, the performance of CMR, SVR, Vio and THD is slightly
degraded (as shown in Figure 17 and Figure 18 for Vio vs. Vicm).
The devices are guaranteed without phase reversal.
3.3
Rail-to-rail output
The operational amplifiers’ output levels can go close to the rails: 35 mV maximum above
and below the rail when connected to a 10 k
Ω resistive load to VCC/2.
3.4
Shutdown function (TSV6290)
The operational amplifier is enabled when the SHDN pin is pulled high. To disable the
amplifier, the SHDN must be pulled down to VCC-. When in shutdown mode, the amplifier’s
output is in a high impedance state. The SHDN pin must never be left floating, but tied to
VCC+ or VCC-.
Figure 17.
Input offset voltage vs. input
common mode at VCC = 1.5 V
Figure 18.
Input offset voltage vs. input
common mode at VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com