Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC353 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC353
Description  Mini-flat Package Photocoupler with Base Terminal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC353 Datasheet(HTML) 1 Page - Sharp Corporation

  PC353 Datasheet HTML 1Page - Sharp Corporation PC353 Datasheet HTML 2Page - Sharp Corporation PC353 Datasheet HTML 3Page - Sharp Corporation PC353 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PC353T
PC353T
s Outline Dimensions
(Unit : mm )
s Features
s Absolute Maximum Ratings
(Ta = 25˚C )
s Applications
1. With base terminal
2. Applicable to infrared ray reflow
( 230˚C, MAX. 30 seconds )
3. High isolation voltage
Internal connection
diagram
654
13
6 ˚
C0.4
(Input side)
353
13
65
4
1 Anode
3 Cathode
4 Emitter
5 Collector
6 Base
Soldering area
( Viso
rms )
s Package Specifications
Parameter
Symbol
Rating
Unit
Input
IF
50
mA
I FM
1A
Reverse voltage
V R
6V
P70
mW
Output
Collector-emitter voltage
V CEO
80
V
Emitter-collector voltage
V ECO
6V
Collector-base voltage
V CBO
80
V
Emitter-base voltage
V EBO
6V
Collector current
IC
50
mA
P C
150
mW
P tot
170
mW
Operating temperature
T opr
- 30 to + 100
˚C
Storage temperature
T stg
- 40 to + 125
˚C
V iso
3.75
kV rms
T sol
260
˚C
Model No.
Taping specifications
PC353T
Taping reel diameter
z
*1 Pulse width <=100
µ s, Duty ratio : 0.001
*3 For 10 seconds
Forward current
*1 Peak forward current
Power dissipation
Collector power dissipation
Total power dissipation
*2 Isolation voltage
*3 Soldering temperature
5. Mini-flat package
*2 AC for 1 min., 40 to 60% RH, f = 60H
: 3 750V
1. Hybrid substrates that reguire high denity
mounting
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
178mm (750pcs. )
1.27 ± 0.25
3.6 ± 0.3
5.3 ± 0.3
0.5
+ 0.4
- 0.2
7.0
+ 0.2
- 0.7
0.4 ± 0.1
Mini-flat Package
Photocoupler with Base
Terminal
4. Recognized by UL (No. E64380)
2. Programmable controllers


Similar Part No. - PC353

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PC3515-O P-TEC-PC3515-O Datasheet
277Kb / 2P
PRODUCT SPECIFICATION
PC3516-O P-TEC-PC3516-O Datasheet
274Kb / 2P
PRODUCT SPECIFICATION
logo
Sharp Corporation
PC352NJ0000F SHARP-PC352NJ0000F Datasheet
238Kb / 14P
Mini-flat Package, High CMR Photocoupler
PC354 SHARP-PC354 Datasheet
751Kb / 14P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
logo
Picker Components
PC354 PICKER-PC354 Datasheet
169Kb / 2P
25 Amp Minature PCB Power Relay
More results

Similar Description - PC353

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC355NT SHARP-PC355NT Datasheet
54Kb / 5P
Mini-Flat Package, High Sensitivity Photocoupler
PC357N SHARP-PC357N_03 Datasheet
219Kb / 14P
Mini-flat Package General Purpose Photocoupler
PC354NJ0000F SHARP-PC354NJ0000F Datasheet
232Kb / 14P
Mini-flat Package, AC Input Photocoupler
PC357N1J000F SHARP-PC357N1J000F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC357N1TJ00F SHARP-PC357N1TJ00F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC354N1TJ00F SHARP-PC354N1TJ00F Datasheet
206Kb / 14P
Mini-flat Package, AC Input Photocoupler
PC357N3J000F SHARP-PC357N3J000F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC357N9J000F SHARP-PC357N9J000F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC354NTJ000F SHARP-PC354NTJ000F Datasheet
206Kb / 14P
Mini-flat Package, AC Input Photocoupler
PC357MJ0000F SHARP-PC357MJ0000F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com