Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC353 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC353
Description  Mini-flat Package Photocoupler with Base Terminal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC353 Datasheet(HTML) 2 Page - Sharp Corporation

  PC353 Datasheet HTML 1Page - Sharp Corporation PC353 Datasheet HTML 2Page - Sharp Corporation PC353 Datasheet HTML 3Page - Sharp Corporation PC353 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PC353T
(Ta = 25˚C )
s Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 20mA
-
1.2
1.4
V
Reverse current
IR
V R =4V
-
-
10
µA
Terminal capacitance
Ct
-
30
250
pF
Output
ICEO
V CE = 20V, I F = 0
-
-
100
nA
Collector-emitter
breakdown voltage
IC = 0.1mA
IF =0
80
-
-
V
Emitter-collector
IE =10
µA
IF =0
6-
-
V
Collector-base
breakdown voltage
IC = 0.1mA
IF =0
80
-
-
V
Transfer
charac-
teristics
Collector current
IC
IF = 5mA
V CE =5V
2.5
-
30
mA
Collector-emitter
saturation voltage
IF = 20mA
IC = 1mA
-
0.1
0.2
V
DC500V
40 to 60% RH
5x 1010
1011
-
Ω
Floating capacitance
Cf
V = 0, f = 1MH Z
-
0.6
1.0
pF
Rise time
t r
-4
18
µ s
Fall time
tf
-3
18
µ s
Collector dark current
breakdown voltage
Isolation resistance
Response time
R ISO
V CE(sat)
BV CBO
BV ECO
BV CEO
V = 0, f = 1kHz
V CE = 2V, I C = 2mA
RL = 100
Ω
10
50
40
30
0
0
25
100
75
55
20
Ambient temperature T a (˚C)
-30
Fig. 1 Forward Current vs.
Ambient Temperature
70
40
55
75
100
25
0
0
60
80
100
20
Fig. 2 Diode Power Dissipation vs.
Ambient Temperature
-30
Ambient temperature T a (˚C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com