Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC353 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC353
Description  Mini-flat Package Photocoupler with Base Terminal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC353 Datasheet(HTML) 4 Page - Sharp Corporation

  PC353 Datasheet HTML 1Page - Sharp Corporation PC353 Datasheet HTML 2Page - Sharp Corporation PC353 Datasheet HTML 3Page - Sharp Corporation PC353 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PC353T
0
-30
0.02
0
20406080
100
0.04
0.06
0.08
0.10
0.12
0.14
0.16
Ambient temperature T a (˚C)
IF = 20mA
IC = 1mA
- 30
0
40
60
80
100
0
50
100
150
20
Ambient Temperature
a (˚C)
IF
V CE =5V
Ambient temperature T
- 30
0
20
40
60
100
5
5
5
5
5
5
80
Ambient Temperature
a (˚C)
10 -11
10 -10
10 -9
10 -8
10 -7
10 -6
10 -5
V CE
Ambient temperature T
Fig. 9 Relative Current Transfer Ratio vs.
Fig.10 Collector-emitter Saturation Voltage vs.
Ambient Temperature
= 20V
Fig.11 Collector Dark Current vs.
= 5mA
0
0
3
6
9
12
15
0.2
0.1
0.5
1
2
5
10
20
50
0.01
0.1
1
10
tf
tr
td
ts
L ( k Ω )
100
200
500
V CE
IC = 2mA
T a = 25˚C
Fig.13 Collector-emitter Saturation Voltage vs.
Forward Current
Foward current I F ( mA )
=2A
4.8
3.6
2.4
1.2
1mA
5mA
7mA
Please refer to the chapter “Precautions for Use.”
Ta = 25˚C
IC = 0.5mA
3mA
Fig.12 Response Time vs. Load Resistance
Load resistance R
q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com