Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC353 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC353
Description  Mini-flat Package Photocoupler with Base Terminal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC353 Datasheet(HTML) 3 Page - Sharp Corporation

  PC353 Datasheet HTML 1Page - Sharp Corporation PC353 Datasheet HTML 2Page - Sharp Corporation PC353 Datasheet HTML 3Page - Sharp Corporation PC353 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PC353T
200
150
100
0
0
25
100
75
50
50
Fig. 3 Collector Power Dissipation vs.
Ambient Temperature
Ambient temperature T a (˚C)
-30
170
50
50
75
100
25
0
0
100
150
200
-30
Ambient temperature T a (˚C)
Fig. 4 Total Power Dissipation vs.
Ambient Temperature
1
10000
1000
10
100
Pulse width <= 100
µs
Duty ratio
10 -3
10 -2
10 -1
T a = 25˚C
Fig. 5 Peak Forward Current vs. Duty Ratio
1
2
5
10
20
50
100
200
500
0
0.5
1.0
1.5
2.0
2.5
3.0
- 25˚C
0˚C
25˚C
50˚C
Forward voltage V F ( V)
Fig. 6 Forward Current vs. Forward Voltage
0
0
CE ( V )
10
5
IF = 30mA
Collector-emitter voltage V
Forward current I F ( mA )
Collector-emitter Voltage
Fig. 8 Collector Current vs.
Fig. 7 Current Transfer Ratio vs.
Forward Current
0
0
0.5
1.0
5.0
10
50
100
200
400
RBE =
RBE = 500k Ω
Ta= 75˚C
RBE = 100k Ω
50
40
30
20
10
IF = 1mA
IF = 5mA
IF = 10mA
IF = 20mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com