Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS060S2UD01 Datasheet(PDF) 7 Page - Sharp Corporation

Part # LS060S2UD01
Description  LCD Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS060S2UD01 Datasheet(HTML) 7 Page - Sharp Corporation

Back Button LS060S2UD01 Datasheet HTML 3Page - Sharp Corporation LS060S2UD01 Datasheet HTML 4Page - Sharp Corporation LS060S2UD01 Datasheet HTML 5Page - Sharp Corporation LS060S2UD01 Datasheet HTML 6Page - Sharp Corporation LS060S2UD01 Datasheet HTML 7Page - Sharp Corporation LS060S2UD01 Datasheet HTML 8Page - Sharp Corporation LS060S2UD01 Datasheet HTML 9Page - Sharp Corporation LS060S2UD01 Datasheet HTML 10Page - Sharp Corporation LS060S2UD01 Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LCP-1310002-5
5.Absolute
Maximum
Ratings
Item
Symbol
Condition
Rated
value
Unit
Remarks
Logic
I/O
power
supply
voltage
VCCIO
Ta
=
25°C
-0.3
to
+7.0
V
Note
1
Analog
power
supply
voltage
VCI
Ta
=
25°C
-0.3
to
+7.0
V
Note
1
Temperature
for
storage
Tstg
-
-30
to
+80
deg.
Note
2
Temperature
for
operation
Topr
-
-20
to
+70
deg.
Note
1)
If
used
beyond
the
absolute
maximum
ratings,
the
LSI
may
permanently
be
damaged.
It
is
strongly
recommended
to
use
the
LSI
under
the
condition
within
the
electrical
characteristics
in
normal
operation.
If
exposed
to
the
condition
not
within
the
electrical
characteristics,
it
may
affect
the
reliability
of
the
device.
Note
2)
Humidity:
80%RH
Max.
(Ta≤40°C)
Maximum
bulb
temperature
under
39°C
(Ta>40°C)
See
to
it
that
no
dew
will
be
condensed.
6.
Electrical
Characteristics
6-1.
DC
characteristic
Table6-1
VDD=2.7~3.6V,VDDIO=1.65~3.6V,Ta=25℃
*1:Application
terminal
RESETB,
CSB,
RS,
WR,
RD,
D[15:00]
*2:When
voltage
is
Typ.
2.7~3.3V
at
“start
Sequence”,
it
is
necessary
to
input
“the
following
Command”
before
input
“Normal
Command”.
Command:68h
Parameter:00h
*3:VDD=VDDIO=3.3V,Ta=25℃
*4:Displey
OFF,Memory
keep
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Note
Input
H
Voltage
VIH
0.7×VDDIO
―
VDDIO
V
*1
Input
L
Voltage
VIL
0
―
0.3×VDDIO
V
*1
Input
H
Leak
Current
IIH
VIN=VDDIO
-10
―
10
μA
*1
Input
L
Leak
Current
IIL
VIN=VSS
-10
―
10
μA
*1
Host
Interface
Voltage
VDDIO
1.65
3.3
3.6
V
Driver
driving
voltage
VDD
2.7
3.3
3.6
V
*2
Standy
Mode
0.1
mW
*3,4
Still
image
2.1
mW
*3
1Re-write/30s
2.2
mW
*3
Power
Consumption
30fps
Movie
24
mW
*3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com