Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS060S2UD01 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LS060S2UD01
Description  LCD Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS060S2UD01 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LS060S2UD01 Datasheet HTML 2Page - Sharp Corporation LS060S2UD01 Datasheet HTML 3Page - Sharp Corporation LS060S2UD01 Datasheet HTML 4Page - Sharp Corporation LS060S2UD01 Datasheet HTML 5Page - Sharp Corporation LS060S2UD01 Datasheet HTML 6Page - Sharp Corporation LS060S2UD01 Datasheet HTML 7Page - Sharp Corporation LS060S2UD01 Datasheet HTML 8Page - Sharp Corporation LS060S2UD01 Datasheet HTML 9Page - Sharp Corporation LS060S2UD01 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LCP-1310002-4
4.
Input
Terminal
Names
and
Functions
Table4-1
(FPC:
connector
[HIROSE]FH19SC-32S-0.5)
Pin
No.
Symbol
I/O
Description
Note
1
GND
-
Ground
2
N.C.(VPP)
-
No
Connection
3
BUSSEL
I
Data
bas
selection
signal
4
RESETB
I
Reset
signal(Active
Low)
5
CSB
I
Chip
select
signal
6
RS
I
Display
Data/Command
selection
signal
7
WR
I
Wite
Enable
8
RD
I
Read
Enable
9
D00
I/O
Data
bus
0
10
D01
I/O
Data
bus
1
11
D02
I/O
Data
bus
2
12
D03
I/O
Data
bus
3
13
D04
I/O
Data
bus
4
14
D05
I/O
Data
bus
5
15
D06
I/O
Data
bus
6
16
D07
I/O
Data
bus
7
17
D08
I/O
Data
bus
8
18
D09
I/O
Data
bus
9
19
D10
I/O
Data
bus
10
20
D11
I/O
Data
bus
11
21
D12
I/O
Data
bus
12
22
D13
I/O
Data
bus
13
23
D14
I/O
Data
bus
14
24
D15
I/O
Data
bus
15
25
ACK
O
ACK
signal
output
※1
26
OVSYNC
O
Vertical
synchronizing
signal
output
27
N.C.(OTPTEST)
-
No
Connection
28
VDDL_EN
I
Power
supply
generation
circuit
enable
(Active
High)
※1
29
VDDIO
-
Power
Supply
30
VDD
-
Power
Supply
31
GND
-
Ground
32
GND
-
Ground
※1:Recommendation
Circuit
LCD Modul
User
side
VDDIO
VDDIO
28pin
VDDL_EN
25pin
ACK
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com