Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS060S2UD01 Datasheet(PDF) 18 Page - Sharp Corporation

Part # LS060S2UD01
Description  LCD Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS060S2UD01 Datasheet(HTML) 18 Page - Sharp Corporation

Back Button LS060S2UD01 Datasheet HTML 13Page - Sharp Corporation LS060S2UD01 Datasheet HTML 14Page - Sharp Corporation LS060S2UD01 Datasheet HTML 15Page - Sharp Corporation LS060S2UD01 Datasheet HTML 16Page - Sharp Corporation LS060S2UD01 Datasheet HTML 17Page - Sharp Corporation LS060S2UD01 Datasheet HTML 18Page - Sharp Corporation LS060S2UD01 Datasheet HTML 19Page - Sharp Corporation LS060S2UD01 Datasheet HTML 20Page - Sharp Corporation LS060S2UD01 Datasheet HTML 21Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
LCP-1310002-16
PRTCLSEL[2Ch]
Select
image
data
protocol.
9.3.
Refer
to
Data
Protocol.
MOVIE[2Dh]
Set
up
ON/OFF
of
movie
mode.
Continues
automatic
transfer
at
about
30Hz
without
using
transfer
command.
MOVIE
[D0]
:
[0]OFF
[1]ON
FLOAD[2Eh]
Set
up
ON/OFF
of
high
speed
mode
(at
8pixel
unit).
FLOAD
[D0]
:
[0]OFF
[1]ON
DISP[33h]
Transfer
RAM
data
of
entire
display
to
the
panel.
DISPPTL[35h]
Transfer
RAM
data
of
area
set
up
in
PTLAREA
to
the
panel.
11-2.
Command
List
Parameter
Address
(Hex)
Command
R/W/C
D7
D6
D5
D4
D3
D2
D1
D0
Default
(Hex)
02h
NORMAL
C
04h
STBY
C
16h
RDIMG
C
18h
RDIIMGPTL
C
20h
LDIMG
C
22h
LDIMGPTL
C
XSTARTL
00h
L
L
L
L
L
L
XSTARTH
00h
YSTARTL
00h
L
L
L
L
L
L
YSTARTH
00h
WIDTHL
00h
L
L
L
L
L
L
WIDTHH
00h
HEIGHTL
00h
27h
PTLAREA
R/W
L
L
L
L
L
HEIGHTH
00h
28h
DISPDIR
R/W
L
L
L
L
L
L
ROTATION
00h
2Bh
DITHER
R/W
L
L
L
L
L
L
L
DITHER
00h
2Ch
PRTCLSEL
R/W
L
L
L
L
L
PRTCLSEL
01h
2Dh
MOVIE
R/W
L
L
L
L
L
L
L
MOVIE
00h
2Eh
FLOAD
R/W
L
L
L
L
L
L
L
FLOAD
00h
33h
DISP
C
35h
DISPPTL
C
R=Read,
W=Write,
C=Command
D15~D8=Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com