Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS060S2UD01 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LS060S2UD01
Description  LCD Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS060S2UD01 Datasheet(HTML) 5 Page - Sharp Corporation

  LS060S2UD01 Datasheet HTML 1Page - Sharp Corporation LS060S2UD01 Datasheet HTML 2Page - Sharp Corporation LS060S2UD01 Datasheet HTML 3Page - Sharp Corporation LS060S2UD01 Datasheet HTML 4Page - Sharp Corporation LS060S2UD01 Datasheet HTML 5Page - Sharp Corporation LS060S2UD01 Datasheet HTML 6Page - Sharp Corporation LS060S2UD01 Datasheet HTML 7Page - Sharp Corporation LS060S2UD01 Datasheet HTML 8Page - Sharp Corporation LS060S2UD01 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LCP-1310002-3
1pin
32pin
1.
Applicable
Scope
This
specification
is
applicable
to
TFT-LCD
Module
“LS060S2UD01”.
2.
Mechanical
(Physical)
Specifications
Table2-1
Item
Specifications
Unit
Remarks
Screen
size
15.30
(6.02”
type)
Diagonal
cm
Active
area
91.8(H)×122.4(V)
mm
600(H)×800(V)
pixel
Pixel
format
1
Pixel
=2
dots
-
Pixel
pitch
0.153(H)×0.153(V)
mm
Display
mode
Normally
White
-
Unit
outline
dimensions
96.8(W)×
132.8(H)×
1.23(D)
mm
Mass
36
g
Panel
module
part
【Note2-1】The
above-mentioned
table
indicates
module
sizes
without
some
projections
and
FPC.
For
detailed
measurements
and
tolerances,
please
refer
to
Fig.1
Outline
Dimensions.
3.
Pixel
Configuration
(1, 800)
(600, 800)
Display area
(600, 1)
B&W
(1, 1)
LCD FPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com