Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC417 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC417
Description  Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC417 Datasheet(HTML) 2 Page - Sharp Corporation

  PC417 Datasheet HTML 1Page - Sharp Corporation PC417 Datasheet HTML 2Page - Sharp Corporation PC417 Datasheet HTML 3Page - Sharp Corporation PC417 Datasheet HTML 4Page - Sharp Corporation PC417 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
s Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
-
1.7
1.95
V
Reverse current
IR
--
10
µ A
Terminal capacitance
Ct
-
60
250
Output
Transfer
charac-
teristics
High level output
IOH(1)
current
IOH(2)
IOH(3)
High level supply
ICCH(1)
current
ICCH(2)
ICCL
V OL
voltage
Current transfer ratio
CTR
“H
→L” propagation delay
t PHL
time
“L
→H” propagation delay
t PLH
time
Instantaneous common
CMH
mode rejection voltage
“ High level output”
Instantaneous common
CML
mode rejection voltage
“ Low level output”
Isolation resistance
R ISO
Floating capacitance
Cf
IF=0, VCC=5.5V
V O=5.5V
IF=0, VCC
IF=0, VCC
IF=16mA, VCC=15V
IF=16mA, V CC=4.5V
IF=16mA, VCC=4.5V
VO=0.4V,*5
IF=16mA, V CC=5V
RL=1.9k
IF=0, R L=1.9k
V CM=10VP-P ,
V CC=5V
IF=16mA, R L=1.9k
V CM=10VP-P ,
V CC=5V
DC500V, 40 to 60% RH
-
3
500
nA
-
-
1.0
µ A
--
50
-
0.02
1.0
µ A
-
-
2.0
-
200
-
µ A
-
-
0.4
V
19
-
-
%
-
-
0.3
0.8
µ s
-
0.3
1.2
-
1 000
-
V/
µ s
-
- 1 000
-
V/
µ s
5x 1010
1011
-
0.6
1.0
pF
IF = 16mA
V R =5V
V F = 0, f = 1MHZ
PC417
( Ta = 25˚C)
*6 Test circuit for propagation delay time is shown in the next page.
Each characteristics shall be measured under opaque condition.
*7 Test circuit for instantaneous common mode rejection voltage is shown in the next page.
Low level supply
Low level output
current
IO=2.4mA *5
IF = 0, VCC = 15V, VO = OPEN *5
V=0V, f=1MHz
*6
*6
*7
*7
*5 Temperature range : Ta = 0 to 70˚C
VO=OPEN *5
=15V, VO=OPEN
IF=0, VCC =15V, VO=15V *5
=15V, VO=15V
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com