Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC417 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC417
Description  Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC417 Datasheet(HTML) 3 Page - Sharp Corporation

  PC417 Datasheet HTML 1Page - Sharp Corporation PC417 Datasheet HTML 2Page - Sharp Corporation PC417 Datasheet HTML 3Page - Sharp Corporation PC417 Datasheet HTML 4Page - Sharp Corporation PC417 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PC417
µ F
10
µ s
100
1
3
6
5
4
0.01
RL
VO
VCC
Pulse input
Pulse width
Duty radio
1/10
monitor
IF
IF
= 5V
CL = 15pF
5V
1.5V
VOL
VO
0
IF
1.5V
3
1
6
5
4
VCM
RL
VCC
IF
A
B
VFF
VO
+-
= 5V
2V
0.8V
CMH
VO
VO
CML
VCM
0V
tr
10V
10%
90%
10%
5V
VOL
IF = 0mA
IF = 16mA
*6 Test Circuit for Propagation Delay Time
*7 Test Circuit for Instantaneous Common Mode Rejection Voltage
0.01
µ F
90%
when GLSW is A
when GLSW is B
tf
SW
tPHL
tPLH
- 40
0
10
20
30
0
25
50
75
100
125
Ambient Temperature
Ambient temperature T a ( ˚C)
Fig. 1 Forward Current vs.
0
120
P
0
25
50
75
100
125
100
80
60
20
40
45
Fig. 2 Power Dissipation vs.
Ambient Temperature
P O
Ambient temperature T a (˚C)
- 40



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com