Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC417 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC417
Description  Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC417 Datasheet(HTML) 5 Page - Sharp Corporation

  PC417 Datasheet HTML 1Page - Sharp Corporation PC417 Datasheet HTML 2Page - Sharp Corporation PC417 Datasheet HTML 3Page - Sharp Corporation PC417 Datasheet HTML 4Page - Sharp Corporation PC417 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PC417
Frequency f ( MHz )
-20
-15
-10
-5
0
-25
-30
0.1
0.2
0.5
1
2
5
10
220
470
1k
15V
VO
5V
AC
Input
20k
RL
1.6V DC
0.25VP - PAC
Test Circuit for Frequency Response
( 1) It is recommended that a by-pass capacitor of more than 0.01
µF be added between V
CC
and
GND near the device in order to stabilize power supply line.
( 2) Transistor of detector side in bipolar configuration is apt to be affected by static electricity
for its minute design. When handling them, general counterplan against static electricity
should be taken to avoid breakdown of devices or degradation of characteristics.
s Precautions for Use
RL = 100 Ω
IF = 16mA
Ta = 25˚C
( 3) As for other general cautions, refer to the chapter “ Precautions for Use ”
Fig. 9 Frequency Response



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com