Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC417 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC417
Description  Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC417 Datasheet(HTML) 1 Page - Sharp Corporation

  PC417 Datasheet HTML 1Page - Sharp Corporation PC417 Datasheet HTML 2Page - Sharp Corporation PC417 Datasheet HTML 3Page - Sharp Corporation PC417 Datasheet HTML 4Page - Sharp Corporation PC417 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
s Applications
s Features
s Outline Dimensions
( Unit : mm )
1. Hybrid substrate which requires high den-
2. Personal computers, office computers and
sity mounting
peripheral equipment
( Ta = 25˚C)
s Absolute Maximum Ratings
1. Mini-flat package
2. Ultra-high speed response
3. Isolation voltage between input and output
( Viso
rms )
PC417
( tPHL , t PLH : TYP. 0.3
µs at R
L
= 1.9k
Ω )
PC417
3. Audio equipment
Parameter
Symbol
Rating
Unit
Input
IF
mA
Reverse voltage
V R
V
PmW
Output
V CC
V
V
mW
V iso
Operating temperature
T opr
˚C
Storage temperature
T stg
˚C
T sol
260
˚C
P O
P tot
- 40 to + 125
mA
mW
Power dissipation
Output current
Power dissipation
Total power dissipation
Isolation voltege
V O
IO
25
5
45
8
100
100
- 40 to + 100
- 0.5 to + 15
- 0.5 to + 15
*1 Ta = 0 to + 70˚C
*2 For 1 minute max.
*4 For 10 seconds.
s Package Specifications
internal connection
diagram
Anode mark
PC417
Soldering area
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
side and the whole of the electrode pins on the output side.
6
4
3
1
4
5
1 Anode
3 Cathode
(Input Side)
13
Model No.
Diameter of reel
Tape width
PC417
φ 370mm
12mm
PC417T
φ 178mm
12mm
PC417Z
--
Compact, Surface Mount
Ultra-high Speed Response
OPIC Photocoupler
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
* “ OPIC ” ( Optical IC ) is a trademark of the SHARP Corporation.
4 GND
5
6
tion voltage ( CM H : TYP. 1kV/
µ s )
Output voltage
*1 Forward current
*2Supply voltage
*3
*4 Soldering temperature
: 2 500 V
4. High instantaneous common mode rejec-
5. Recognized by UL(No.64380)
Package specifications
Taping package
( Net: 750pcs.)
Sleeve package
( Net: 100pcs.)
Taping package
( Net:3 000pcs.)
2 500
*3 40 to 60% RH, For AC 1 minute, Apply the specified voltage between the whole of the electrode pins on the input
C0.4
V rms
5 V O
6 VCC
0.5
+ 0.4
- 0.2
7.0
+ 0.2
- 0.7
5.3 ± 0.3
1.27 ± 0.25
2.5 ± 0.25
0.4 ± 0.1
3.6 ± 0.3


Similar Part No. - PC417

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
PC41 ADL-PC41 Datasheet
210Kb / 2P
MICROSPACE PC Systems
logo
Sharp Corporation
PC410 SHARP-PC410 Datasheet
50Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC410L SHARP-PC410L Datasheet
337Kb / 13P
High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
High Speed Response, High CMR OPIC Photocoupler
PC410L0NIP0F SHARP-PC410L0NIP0F Datasheet
337Kb / 13P
High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
More results

Similar Description - PC417

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N137 SHARP-6N137 Datasheet
67Kb / 5P
Super High Speed Response OPIC Photocoupler
PC400 SHARP-PC400 Datasheet
50Kb / 4P
Compact, Surface Mount Type OPIC Photocoupler
PC401 SHARP-PC401 Datasheet
54Kb / 4P
Compact, Surface Mount Type OPIC Photocoupler
PC410 SHARP-PC410 Datasheet
50Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC910X SHARP-PC910X Datasheet
66Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
PC911 SHARP-PC911 Datasheet
65Kb / 5P
Ultra-high Speed Response and High CMR OPIC Photocoupler
PC912X SHARP-PC912X Datasheet
62Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
PC9D10 SHARP-PC9D10 Datasheet
56Kb / 4P
Ultra-high Speed Response, 2-channel OPIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
High Speed Response, High CMR OPIC Photocoupler
PC400J00000F SHARP-PC400J00000F Datasheet
74Kb / 5P
Compact, Surface Mount Type OPIC Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com