Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC452 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC452
Description  Compact Surface Mount, High Collector emitter Voltage Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC452 Datasheet(HTML) 2 Page - Sharp Corporation

  PC452 Datasheet HTML 1Page - Sharp Corporation PC452 Datasheet HTML 2Page - Sharp Corporation PC452 Datasheet HTML 3Page - Sharp Corporation PC452 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PC452
s Electro-optical Characteristics
(Ta = 25˚C )
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 10mA
-
1.2
1.4
V
Reverse current
IR
V R =4V
-
-
10
µ A
Terminal capacitance
Ct
-
30
250
pF
Output
Collecor-emitter
breakdown voltage
BV CEO
IF =0,
IC = 0.1mA
300
-
-
V
Collector dark current
ICEO
V CE = 200V, I F =0
-
-
Transfer
charac-
teristics
Collector current
IC
IF = 1mA, V CE =2V
10
-
-
mA
Collector-emitter
saturation voltage
V CE ( sat )
IF = 20mA
IC = 100mA
-
-
1.2
V
Isolation resistance
R ISO
5x 1010
1011
-
Ω
Floating capacitance
Cf
V = 0, f = 1MHz
-
0.6
1.0
pF
Cut-off frequency
fc
V CE = 2V, I C = 20mA
RL = 100
Ω, - 3dB
1
7
-
kHz
Response time
Rise time
t r
V CE = 2V, I C = 20mA
RL = 100
Ω
-
100
300
µ s
-
20
100
µ s
Fall time
tf
0
-30
10
0
25
50
75
100
125
20
30
40
50
60
Fig. 1 Forward Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
0
0
125
100
200
50
150
25
50
75
100
Ambient Temperature
-30
Ambient temperature T a (˚C)
A
2x 10 -7
DC500V, 40 to 60% RH
Fig. 2 Collector Power Dissipation vs.
V = 0, f = 1kHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com