Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC452 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC452
Description  Compact Surface Mount, High Collector emitter Voltage Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC452 Datasheet(HTML) 4 Page - Sharp Corporation

  PC452 Datasheet HTML 1Page - Sharp Corporation PC452 Datasheet HTML 2Page - Sharp Corporation PC452 Datasheet HTML 3Page - Sharp Corporation PC452 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PC452
20
0
40
60
80
100
Fig. 9 Collector Dark Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
Fig.11 Frequency Response
Frequency f ( kHz )
0
0.1
1
10
100
100
Ω 10 Ω
2
1
5
10
20
50
100
200
500
0.01
0.1
1
10
Forward current I F ( mA )
0
0
1
2
3
4
5
12345
Ic = 5mA
10mA
30mA
50mA
70mA
100mA
Fig.12 Collector-emitter Saturation
Voltage vs. Forward Current
t r
t f
t d
t s
VCE = 200V
Ta = 25˚C
IC = 20mA
VCE =2V
RL =1k Ω
Ta = 25˚C
IC = 20mA
VCE =2V
Ta = 25˚C
10 000
1000
Please refer to the chapter “ Precautions for Use.”
-5
-10
-15
-20
-25
-30
10 -11
10 -10
10 -9
10 -8
10 -7
10 -6
10 -5
Fig.10 Response Time vs. Load Resistance
Load resistance RL ( k Ω )
q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com