Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC452 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC452
Description  Compact Surface Mount, High Collector emitter Voltage Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC452 Datasheet(HTML) 1 Page - Sharp Corporation

  PC452 Datasheet HTML 1Page - Sharp Corporation PC452 Datasheet HTML 2Page - Sharp Corporation PC452 Datasheet HTML 3Page - Sharp Corporation PC452 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PC452
PC452
s Package Specifications
s Features
1. Mini-flat package
2. High collector-emitter voltage
( VCEO : 300V)
3. High current transfer ratio
F
= 1mA, V CE =2V)
4. High isolation voltage between input and output
s Applications
1. Telephone sets
2. Copiers, facsimiles
3. Interfaces with various power supply cir-
4. Hybrid substrates which reguire high
density mounting
Diameter of reel
Tape width
φ 370mm
12mm
φ 178mm
12mm
--
Symbol
Rating
Unit
IF
50
mA
V R
6V
P70
mW
V CEO
300
V
IC
150
mA
V ECO
0.1
V
P C
150
mW
P tot
170
mW
V iso
V rms
T opr
- 30 to + 100
˚C
T stg
- 40 to + 125
˚C
T sol
260
˚C
cuits, power distribution boards
PC452
Anode mark
Internal connection
diagram
6˚
Soldering area
s Outline Dimensions
( Unit : mm )
Parameter
Input
Reverse voltage
Power dissipation
Output
Collector-emitter voltage
Collector current (forward direction)
Emitter-collector voltage
Collecotr power dissipation
Total power dissipation
Isolation voltage
Operating temperture
Storage temperature
Soldering temperature
s Absolute Maximum Ratings
(Ta=25˚C)
Model No.
PC452
PC452T
PC452Z
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
1
1
1 Anode
C0.4
Compact Surface Mount, High
Collector emitter Voltage
Type Photocoupler
Package specifications
*1
*2
*1 AC for 1 minute, 40 to 60% RH
*2 10 seconds or less, 0.2mm or more from the root of lead.
Forward current
( CTR : MIN. 1 000% at I
Taping package
( Net : 3 000pcs.)
Taping package
( Net : 750pcs. )
Sleeve package
( Net : 100pcs.)
3 750
( Viso : 3 750 Vrms )
0.4 ± 0.1
2.54 ± 0.25
3.6 ± 0.3
5.3 ± 0.3
0.5
+ 0.4
- 0.2
7.0
+ 0.2
- 0.7
(Input side)
2
3
4
2
3
4
2 Cathode
3 Emitter
4 Collector


Similar Part No. - PC452

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC452J00000F SHARP-PC452J00000F Datasheet
233Kb / 14P
Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
PC452TEJ000F SHARP-PC452TEJ000F Datasheet
223Kb / 14P
Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
More results

Similar Description - PC452

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC702V SHARP-PC702V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC703V SHARP-PC703V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC723V SHARP-PC723V Datasheet
66Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC725V SHARP-PC725V Datasheet
68Kb / 4P
High Sensitivity, High Collector-emitter Voltage Type Photocoupler
PC851 SHARP-PC851 Datasheet
65Kb / 4P
High Collector-emitter Voltage Type Photocoupler
logo
COSMO Electronics Corp...
KPC452 COSMO-KPC452 Datasheet
268Kb / 2P
Compact Surface Mount, High Collector emitter Voltage Type Photo Coupler
logo
Sharp Corporation
PC723V0YSZX SHARP-PC723V0YSZX Datasheet
65Kb / 5P
High Collector-emitter Voltage Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
High Collector-emitter Voltage Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com