Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC452 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC452
Description  Compact Surface Mount, High Collector emitter Voltage Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC452 Datasheet(HTML) 3 Page - Sharp Corporation

  PC452 Datasheet HTML 1Page - Sharp Corporation PC452 Datasheet HTML 2Page - Sharp Corporation PC452 Datasheet HTML 3Page - Sharp Corporation PC452 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PC452
Duty ratio
5
5
10
20
100
50
200
500
2
10 -3
10 -2
5
2
10 -1
5
2
5
Fig. 3 Peak Forward Current vs. Duty Ratio
0
0
100
200
12345
0.5mA
1mA
1.5mA
2mA
2.5mA
3mA
5mA
IF = 10mA
P C ( MAX. )
Collector-emitter voltage V CE (V)
Fig. 6 Collector Current vs.
Collector-emitter Voltage
0
0.1
0.2
0.5
10
12
5
Forward current I F ( mA )
Fig. 5 Current Transfer Ratio
vs. Forward Current
50
0
IF = 1mA
VCE =2V
100
150
0
20
40
60
80
100
50
0
100
150
0
20
40
60
80
100
Ambient Temperature Ta (˚C)
0
-30
0.2
0
20
40
60
80
100
0.4
0.6
0.8
1.0
1.2
Fig. 8 Collector-emitter Saturation
Voltage vs. Ambient Temperature
Ambient temperature T a (˚C)
25˚C
0˚C
0
1
2
0.5
1.0
1.5
2.0
2.5
3.0
5
10
20
50
100
200
500
50˚C
Fig. 4 Forward Current vs. Forward Voltage
Ta = 75˚C
- 25˚C
Pulse width <=100
µs
Ta = 25˚C
IF = 20mA
IC = 100mA
-30
VCE =2V
Ta = 25˚C
Forward voltage V F (V)
Ta = 25˚C
Ambient Temperature
1
Fig. 7 Relative Current Transfer Ratio vs.
10000
5000
2000
1000
5000
4000
3000
2000
1000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com