Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6334 Datasheet(PDF) 19 Page - MOSA ELECTRONICS

Part # MS6334
Description  16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6334 Datasheet(HTML) 19 Page - MOSA ELECTRONICS

Back Button MS6334 Datasheet HTML 12Page - MOSA ELECTRONICS MS6334 Datasheet HTML 13Page - MOSA ELECTRONICS MS6334 Datasheet HTML 14Page - MOSA ELECTRONICS MS6334 Datasheet HTML 15Page - MOSA ELECTRONICS MS6334 Datasheet HTML 16Page - MOSA ELECTRONICS MS6334 Datasheet HTML 17Page - MOSA ELECTRONICS MS6334 Datasheet HTML 18Page - MOSA ELECTRONICS MS6334 Datasheet HTML 19Page - MOSA ELECTRONICS MS6334 Datasheet HTML 20Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
MOSA
MS6334/6335
16bits Stereo Audio DAC integrated HP Driver with Volume Control
REV 5
19/20
www.mosanalog.com
IR Controller
Power ON/OFF : The power key.
Press the key once to set power-on or power-off for MS6864.
The default values are ATTENUATION –33dB.
vol+ : The volume-up switch for stereo channel
The volume increase by +1dB as the switch is pressed once, the maximum value is up to +6dB.
The default value is -33dB on initial status.
L-channel and R-channel are active synchronic.
vol- : The volume-down switch for stereo channel
The volume decrease by -1dB as the switch is pressed once, the minimum value is up to -39dB.
L-channel and R-channel are active synchronic.
Vol_L+ : The volume-up switch for left channel
The volume increase by +1dB as the switch is pressed once, the maximum value is up to +6dB.
Vol_L - : The volume-down switch for left channel
The volume decrease by -1dB as the switch is pressed once, the minimum value is up to -39dB.
Vol_R+ : The volume-up switch for right channel
The volume increase by +1dB as the switch is pressed once, the maximum value is up to +6dB.
Vol_R- : The volume-down switch for right channel
The volume decrease by -1dB as the switch is pressed once, the minimum value is up to -39dB.
Mute : Press the switch once to enter mute-on or mute-off.
The default status is mute-off on initial status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com