Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6334 Datasheet(PDF) 20 Page - MOSA ELECTRONICS

Part # MS6334
Description  16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6334 Datasheet(HTML) 20 Page - MOSA ELECTRONICS

Back Button MS6334 Datasheet HTML 12Page - MOSA ELECTRONICS MS6334 Datasheet HTML 13Page - MOSA ELECTRONICS MS6334 Datasheet HTML 14Page - MOSA ELECTRONICS MS6334 Datasheet HTML 15Page - MOSA ELECTRONICS MS6334 Datasheet HTML 16Page - MOSA ELECTRONICS MS6334 Datasheet HTML 17Page - MOSA ELECTRONICS MS6334 Datasheet HTML 18Page - MOSA ELECTRONICS MS6334 Datasheet HTML 19Page - MOSA ELECTRONICS MS6334 Datasheet HTML 20Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
MOSA
MS6334/6335
16bits Stereo Audio DAC integrated HP Driver with Volume Control
REV 5
20/20
www.mosanalog.com
Circuit
HPVDD
1
HP-Rout
2
Line-Rout
3
Line-Rin
4
CAP
5
Vss
6
BCK
7
WS
8
HPVss
16
HP-Lout
15
Line-Lout
14
Line-Lin
13
VDD
12
SDA
11
SCL
10
DATA
9
U1
MS6335
C10
47u
C9
104
R4
24k
C11
361
C8
104
J4
PHONEJACK
Y1
12M
R9
24k
C12
30
1
2
J3
AVDD
C3
47u
C5
30
C6
361
R6
1k
R7
1k
R8
1k
C4
2.2u
RST
1
P3.0
2
P3.1
3
XTAL2
4
XTAL1
5
P3.2
6
P3.3
7
P3.4
8
P3.5
9
GND
10
Vcc
20
P1.7
19
P1.6
18
P1.5
17
P1.4
16
P1.3
15
P1.2
14
P1.1
13
P1.0
12
P3.7
11
J6
AT89C2051
C14
20
C15
20
1
2
J5
DVCC
R10
10k
S1
RST
C13
10u
D1
Power
D2
VOL-
D3
VOL+
BCK
WS
DATA
FM_R
Text
1
2
3
J1
Line In
1
2
3
4
J2
Audio format
R3
100k
R2
100k
L1
R1
24k
R5
24k
R11
1k
R12
1k
R13
1k
C2
1u
C1
1u
FM_L
C7
100u
S5
I2S/Normal
R14
300k
R15
220
SDA
SCL
SDA
SCL
Vc
1
IR
3
GND
2
Q1
IR
+
R16
10K
C16
47u
+C17
470P
DGND
IR_IN
IR_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com