Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6334 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6334
Description  16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6334 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6334 Datasheet HTML 1Page - MOSA ELECTRONICS MS6334 Datasheet HTML 2Page - MOSA ELECTRONICS MS6334 Datasheet HTML 3Page - MOSA ELECTRONICS MS6334 Datasheet HTML 4Page - MOSA ELECTRONICS MS6334 Datasheet HTML 5Page - MOSA ELECTRONICS MS6334 Datasheet HTML 6Page - MOSA ELECTRONICS MS6334 Datasheet HTML 7Page - MOSA ELECTRONICS MS6334 Datasheet HTML 8Page - MOSA ELECTRONICS MS6334 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MOSA
MS6334/6335
16bits Stereo Audio DAC integrated HP Driver with Volume Control
REV 5
1/20
www.mosanalog.com
16bits Stereo Audio DAC Integrated Headphone
Driver with Volume Control
FEATURES
‧
Operation range: 2.7V~6.5V
‧
Volume control range : 6dB to –39dB, 1.5dB/step
‧
Low power consumption, 17mW at VDD=3.3V
(Audio code = 0000H)
‧
Mute function
‧
Flexibility power management
‧
No pop-noise
‧
No zero crossing distortion
‧
Audio format : Right justified, I2S
‧
Serial control interface : I2C, SPI
‧
Output voltage adjusted by the external resisters
‧
Excellent Power Supply Rejection Ratio(PSRR)
‧
Component less
‧
Cost effective
‧
Housed in SSOP20(MS6334), SSOP16, QFN16 package
APPLICATIONS
Multimedia system, MP3, PDA, Portable Digital Audio.
DESCRIPTION
The MS6334 is a 16-bits voltage-output Digital-to-Analog Converter (DAC) integrated class AB stereo headphone
driver with volume control. It is fabricated in a CMOS process and features extremely low power dissipation, small
package size and easy application. The accuracy of the matched coarse current sources, combined with the unique
symmetrical decoding method, preclude zero-crossing distortion and ensures high quality audio reproduction.
The MS6334 has good feature for portable equipment, these features include the low voltage operation, low power
consumption, flexible power management, component less and small package SSOP20, make the MS6334 ideally
suited for use in portable digital audio equipments.
The MS6335 only has I2C interface, the smaller package SSOP16, QFN16 , and other functions are the same as the
MS6334.
BLOCK DIAGRAM
+
-
+
-
AVDD AVSS DVDD
DVSS CAP
HP-VDD
HP-VSS
BCK
WS
DATA
Line-Rin
HP-Rout
Line-Lin
HP-Lout
Volume
Control
Mute
DAC
HP
HP
Control Interface
SCL
MODE
AO/CS
SDA
Line-Lout
Line-Rout
OPAmp


Similar Part No. - MS6334

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334 Datasheet
608Kb / 17P
16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
MS6334GTR MOSA-MS6334GTR Datasheet
608Kb / 17P
16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
MS6334GU MOSA-MS6334GU Datasheet
608Kb / 17P
16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
MS6334TR MOSA-MS6334TR Datasheet
608Kb / 17P
16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
MS6334U MOSA-MS6334U Datasheet
608Kb / 17P
16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
More results

Similar Description - MS6334

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711 Datasheet
379Kb / 36P
Internet Audio DAC with Integrated Headphone Driver
WM8721 WOLFSON-WM8721 Datasheet
347Kb / 34P
Internet Audio DAC with Integrated Headphone Driver
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
Stereo Audio Volume Control
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334 Datasheet
608Kb / 17P
16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
Stereo Audio Volume Control
logo
Wolfson Microelectronic...
WM8721 WOLFSON-WM8721_04 Datasheet
409Kb / 37P
Internet Audio DAC with Integrated Headphone Driver
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
Stereo Audio Volume Control
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com