Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6334 Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6334
Description  16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6334 Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6334 Datasheet HTML 1Page - MOSA ELECTRONICS MS6334 Datasheet HTML 2Page - MOSA ELECTRONICS MS6334 Datasheet HTML 3Page - MOSA ELECTRONICS MS6334 Datasheet HTML 4Page - MOSA ELECTRONICS MS6334 Datasheet HTML 5Page - MOSA ELECTRONICS MS6334 Datasheet HTML 6Page - MOSA ELECTRONICS MS6334 Datasheet HTML 7Page - MOSA ELECTRONICS MS6334 Datasheet HTML 8Page - MOSA ELECTRONICS MS6334 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MOSA
MS6334/6335
16bits Stereo Audio DAC integrated HP Driver with Volume Control
REV 5
2/20
www.mosanalog.com
PIN CONFIGURATION
MS6334
Symbol
Pin
Description
HP-VDD
1
Headphone supply voltage
HP-Rout
2
Right channel headphone output
Line-Rout
3
Right channel line output
Line-Rin
4
Right channel line input
CAP
5
Capacitor connected
AVSS
6
Analog ground
DVSS
7
Digital ground
MODE
8
Control interface selection
Low : I2C, High : SPI
BCK
9
Audio bit clock input
WS
10
Audio word select input
DATA
11
Audio data input
SCL
12
I2C clock input
SPI clock input
SDA
13
I2C data input
SPI data input
AO/CS
14
I2C address option
SPI chip select
DVDD
15
Digital supply voltage
AVDD
16
Analog supply voltage
Line-Lin
17
Left channel line input
Line-Lout
18
Left channel line output
HP-Lout
19
Left channel headphone output
HP-VSS
20
Headphone ground
19
18
17
20
2
3
4
1
HP-VSS
HP-Lout
Line-Lout
Line-Lin
HP-VDD
HP-Rout
Line-Rout
Line-Rin
15
14
13
16
6
7
8
5
DVDD
AO/CS
CAP
DVSS
BCK
12
11
9
10
WS
DATA
MS6334
SCL
SDA
AVDD
AVSS
MODE
SSOP20, I
2C / SPI interface
Note: 1. MODE = low, the interface is I2C and pin14 is address option (AO).
AO = low, the address code is 8CH (10001100B).
AO = high, the address code is 88H (10001000B).
2. MODE = high, the interface is SPI and pin14 is chip selection (CS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com