Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC906 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC906
Description  DC Input Type OPIC Photocoupler with Built-in ON/OFF Delay Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC906 Datasheet(HTML) 2 Page - Sharp Corporation

  PC906 Datasheet HTML 1Page - Sharp Corporation PC906 Datasheet HTML 2Page - Sharp Corporation PC906 Datasheet HTML 3Page - Sharp Corporation PC906 Datasheet HTML 4Page - Sharp Corporation PC906 Datasheet HTML 5Page - Sharp Corporation PC906 Datasheet HTML 6Page - Sharp Corporation PC906 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PC906
Conditions
MIN.
TYP.
MAX.
Unit
Fig.
IF = ± 10mA
-
1.2
1.4
V
-
-
30
250
pF
4.5
-
5.5
V
IF = 0mA, I OL = 1.6mA
-
0.1
0.4
V
1
IF = ± 4mA
3.5
-
-
V
2
IF = ± 4mA
- 0.75
- 0.45
- 0.25
mA
3
-18
30
mA
4
IF = ± 4mA
-
16
28
mA
RL = 4.0k
Ω, I F= ± 4mA
0.5
-
-
Vp - p
5
RL = 4.0k
Ω, I F= 0mA
0.5
-
-
Vp - p
-
0.7
1.5
mA
6
-
- 0.7
- 1.5
5x 1010 1x 1011
--
IF = ± 4mA
-
0.75
1.35
ms
7
-
0.75
1.35
ms
-
0.3
0.7
µ s
-
0.05
0.4
µ s
V CM = 600V ( peak )
--
V/
µ s
8
VCM = 600V ( peak )
V O ( MAX. ) = 0.8V
--
V/
µ s
10
-
-
mA
9
Parameter
Symbol
Input
Forward voltage
V F
Ct
Output
Operating supply voltage
V cc
Low level output voltage
V OL
High level output voltage
V OH
Output short-circuit current
IOS
ICCL
I CCH
PSNI H
PSNI L
Transfer
charact-
erisics
current 1
I FLH1
current 2
I FLH2
time
Response
t PLH
t PHL
Rise time
t r
Fall time
tf
Instantaneous common mode
rejection voltage
( High level output )
CMH
Instantaneous common mode
rejection voltage
( Low level output )
CML
SNI F
IF = 0mA
RL = 4.0k
s Electro-optical Characteristics
Terminal capacitance
*7 Low level supply current
*7 High level supply current
*8 Power supply noise induction
*9 Power supply noise induction
*7
Isolation resistance
*10
Input terminal noise-proof
“ Output high level ”
“ Output low level ”
“ Low
→High” threshold input
“ Low
→High” threshold input
“ Low
→High” propagation time
“ High
→Low”propagation time
V F = 0, f = 1MHz
fAC = 100kHz
fAC = 100kHz
RL = 4.0k
RL = 4.0k
Ω, I F = ± 4mA
V O ( MIN. ) = 2.0V
RL = 4.0k
Ω, I F = 0mA
RL =4k
mA
*7 All channel
*8 Maximum “ Peak to peak ” voltage of sine wave to keep Vo>= 3.5V when it is superposed 100kHz sine wave to Vcc.
*9 Maximum “ Peak to peak ” voltage of sine wave to keep Vo<= 4.0V when it is superposed 100kHz sine wave to Vcc.
*10 Maximum value which Vo can keep 0.4V MAX. when it inputs the pulse, IF ( 1 cycle : 1ms and pulse width : 1
µs).
R ISO
DC500V, 40 to 60% RH
- 2 000
2 000
( Shows characteristics value 1ch. at Vcc= 5V, Ta = 25˚C,
unless otherwise specified
)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com