Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC906 Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC906
Description  DC Input Type OPIC Photocoupler with Built-in ON/OFF Delay Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC906 Datasheet(HTML) 6 Page - Sharp Corporation

  PC906 Datasheet HTML 1Page - Sharp Corporation PC906 Datasheet HTML 2Page - Sharp Corporation PC906 Datasheet HTML 3Page - Sharp Corporation PC906 Datasheet HTML 4Page - Sharp Corporation PC906 Datasheet HTML 5Page - Sharp Corporation PC906 Datasheet HTML 6Page - Sharp Corporation PC906 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PC906
510
1.0
0.75
0.5
15
0
Forward current I F ( mA )
1.0
0.75
0.5
0
0
25
50
75
100
-25
Ambient temperature T a (˚C)
0
0
25
50
75
100
- 0.1
- 0.2
- 0.3
- 0.4
- 0.5
- 0.6
- 0.7
- 0.8
Ambient temperature T a (˚C)
-25
0.6
0.4
0.2
0
0.1
1
5
10
100
0.5
0.3
0.1
L ( k Ω )
Fig. 5 Propagation Delay Time vs.
Forward Current
Fig. 6 Propagation Delay Time vs.
Ambient Temperature
RL =4k Ω
Ta = 25˚C
V CC =5V
IF = ± 4mA
RL =4k Ω
Fig. 7 Output Short-circuit Current vs.
Ambient Temperature
Fig. 8 Rise Time, Fall Time vs.
VCC =5V
IF = ± 4mA
t f
t r
t PLH , t PHL
t PLH , t PHL
Load Resistance
Load resistance R
VCC =5V
IF = ± 4mA
Ta = 25˚C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com