Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC906 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC906
Description  DC Input Type OPIC Photocoupler with Built-in ON/OFF Delay Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC906 Datasheet(HTML) 5 Page - Sharp Corporation

  PC906 Datasheet HTML 1Page - Sharp Corporation PC906 Datasheet HTML 2Page - Sharp Corporation PC906 Datasheet HTML 3Page - Sharp Corporation PC906 Datasheet HTML 4Page - Sharp Corporation PC906 Datasheet HTML 5Page - Sharp Corporation PC906 Datasheet HTML 6Page - Sharp Corporation PC906 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PC906
+
-
10k
Ω
Voltage regulator
Decoder
CK
circuit
Comparator
VCC
GND
VO
Oscillation
s Internal Equivalent Circuit Diagram ( 1ch. )
100
75
10
20
30
40
50
0
50
25
0
-25
85
26
Ambient temperature T a (˚C)
025
50
75
0
20
15
10
5
100
Ambient temperature T a (˚C)
ICCL
(IF = 0mA)
ICCH
(IF = ± 4mA)
-25
025
50
75
0
0.20
0.15
0.10
0.05
100
Ambient temperature T a (˚C)
-25
025
50
75
0
2.0
1.5
1.0
0.5
100
V CC =5V
R L =4k Ω
I
= 1 at
T a = 25˚C
Ambient temperature T a (˚C)
-25
Fig. 1 Forward Current vs. Ambient
Temperature
Fig. 2 Supply Current vs. Ambient
Temperature
V CC =5V
Fig. 3 Low Level Output Voltage vs.
Ambient Temperature
Fig. 4 Relative Threshold Input Current vs.
Ambient Temperature
V CC =5V
IF = 0mA
IOL = 1.6mA
U/D
U/D Counter
Q1 Q2 Q3 Q4 Q5
FLH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com