Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC906 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC906
Description  DC Input Type OPIC Photocoupler with Built-in ON/OFF Delay Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC906 Datasheet(HTML) 1 Page - Sharp Corporation

  PC906 Datasheet HTML 1Page - Sharp Corporation PC906 Datasheet HTML 2Page - Sharp Corporation PC906 Datasheet HTML 3Page - Sharp Corporation PC906 Datasheet HTML 4Page - Sharp Corporation PC906 Datasheet HTML 5Page - Sharp Corporation PC906 Datasheet HTML 6Page - Sharp Corporation PC906 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
PC906
s Applications
1. Programmable controllers
s Features
s Outline Dimensions
(Unit : mm )
PC906
(Ta = 25˚C )
θ
1
2345678
9
PC906
Epoxy resin
Internal connection diagram
12
3
4
5
6
78
9
A
AA
A
A : Light detecting portion + signal processing circuit
GND
GND
Parameter
Symbol
Unit
Input
IF
±26
mA
I FM
±1
A
P40
mW
Output
Supply voltage
V CC
7V
V O
7V
IO
4mA
P O
200
mW
Operating temperature
Storage temperature
V iso
T opr
- 25 to + 85
˚C
T stg
- 55 to + 125
˚C
T sol
260
˚C
1. Propagation delay time
PHL
PLH
: TYP. 0.75ms )
2. High noise resistance type
( CM H, CM L : TYP. 2kV/
µ s)
3. High sensitivity
( IFLH : MAX. 1.5 mA )
4. Bi-directional input, 4-channel type
*1 Forward current
*1, *2 Peak forward current
*1 Power dissipation
*1, *4 Output voltage
*1Output current
*3
*5 Isolation voltage
*6 Soldering temperature
*1 Each channel
*2 Pulse width<=100
µs, Duty ratio : 0.001
*3 All channel
*5 40 to 60% RH, AC for 1min.
DC Input Type OPIC
Photocoupler with Built-in
ON/OFF Delay Circuit
( t, t
s Absoulte Maximum Ratings
Power dissipation
Ratings
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
* “ OPIC ” ( Optical IC ) is a trademark of the SHARP Corporation.
Primary
side
mark
4 000
*4 Shall not exceed from supply voltage( VCC ) .
V rms
*6 For 10 seconds
θ = 0 to 13˚
2.54 ±0.25
19.82 ± 0.5
0.9
± 0.2
1.2
± 0.3
7.62
± 0.3
0.26
± 0.1
0.5 ± 0.1
1 VIN1a
2 VIN1b
3 VIN2a
4 VIN2b
5 VIN3a
6 VIN3b
7 VIN4a
8 VIN4b
VO4
VO3
VO2
VO1
VCC
9 VCC
11
12
13
14
15
16
11
12
13
14
15
16
11
12
13
14
15
16
10
10
10


Similar Part No. - PC906

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PC906N LSTD-PC906N Datasheet
415Kb / 1P
All-welded unit construction
PC906N LSTD-PC906N Datasheet
415Kb / 1P
No adjustments ever needed
More results

Similar Description - PC906

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC902 SHARP-PC902 Datasheet
91Kb / 6P
AC Input Type OPIC Photocoupler
PC904 SHARP-PC904 Datasheet
82Kb / 6P
Built-in Voltage Detection Circuit Type Photocoupler
PC928 SHARP-PC928 Datasheet
137Kb / 10P
Shortcircuit Protector Circuit Built-in OPIC Photocoupler Suitable for Inverter-Driving IGBT
logo
Torex Semiconductor
XC61H TOREX-XC61H Datasheet
574Kb / 13P
Voltage Detector with Delay Circuit Built-In
logo
TE Connectivity Ltd
7000 TEC-7000 Datasheet
975Kb / 7P
Available in on-delay, true off-delay, and on/off-delay
logo
Seiko Instruments Inc
S-19101C25H-N4T2U SII-S-19101C25H-N4T2U Datasheet
1Mb / 31P
BUILT-IN DELAY CIRCUIT
S-19101C25H-M5T2U SII-S-19101C25H-M5T2U Datasheet
1Mb / 31P
BUILT-IN DELAY CIRCUIT
S-19100N12H-M5T2U SII-S-19100N12H-M5T2U Datasheet
2Mb / 45P
BUILT-IN DELAY CIRCUIT
S-19100N12A-M5T2U SII-S-19100N12A-M5T2U Datasheet
2Mb / 39P
BUILT-IN DELAY CIRCUIT
logo
E-CMOS Corporation
EC95810 E-CMOS-EC95810 Datasheet
931Kb / 15P
Voltage Detectors with Built-in Delay Circuit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com