Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC911 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC911
Description  Ultra-high Speed Response and High CMR OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC911 Datasheet(HTML) 1 Page - Sharp Corporation

  PC911 Datasheet HTML 1Page - Sharp Corporation PC911 Datasheet HTML 2Page - Sharp Corporation PC911 Datasheet HTML 3Page - Sharp Corporation PC911 Datasheet HTML 4Page - Sharp Corporation PC911 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PC911
PC911
s Features
1. Ultra-high speed response
2. High instantaneous common mode rejec-
s Applications
1. High speed interfaces for computer periph-
2. High speed line receivers
3. Interfaces with various data transmission
( tPHL , t PLH : TYP. 50ns )
tion voltage ( CM H : TYP. 10kV/
µ s)
erals and microcomputer systems
equipment
s Outline Dimensions
Parameter
Symbol
Rating
Unit
Input
IF
20
mA
Reverse voltage
V R
5V
P40
mW
Output
Supply voltage
V CC
7V
V E
7V
High level output current
V OH
-8
mA
Low level output current
IOL
25
mA
40
mW
V iso
V rms
Operating temperature
T opr
0 to + 70
˚C
Storage temperature
T stg
- 55 to + 125
˚C
T sol
260
˚C
3. High isolation voltage
( Viso
rms )
*2Enable voltage
*5Soldering temperature
*4Isolation voltage
*1
*3Power dissipation
*1Power dissipation
*1Forward current
P
*5 For 10 seconds at the position of 2mm or more from root of lead pins.
*2 Shall not exceed 500mV from supply voltage( Vcc ) .
*3 Applicable to output terminal ( Vo)
*1 Ta = 0 to 70˚C
PC911
θ
θ
( Unit : mm)
s Absolute Maximum Ratings
( Ta = 25˚C)
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
*4 AC for 1 minute, 40 to 60% RH
Ultra-high Speed Response and
High CMR OPIC Photocoupler
Internal connection
diagram
1234
7
8
123
4
5
6
7
8
θ
1 NC
2 Anode
3 Cathode
4 NC
5 GND
65
: 4 000V
4 000
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
* “ OPIC ” ( Optical IC ) is a trademark of the SHARP Corporation.
g Lead forming type ( I type ) and taping reel type ( P type ) are also available. ( PC911I/PC911P )
Primary side mark ( Sunken place )
0.5 ± 0.1
2.54 ± 0.25
9.22 ± 0.5
6 V O
7 V E
8 VCC
= 0 ˚ to 13 ˚
0.26 ± 0.1
7.62 ± 0.3
0.85 ± 0.3
1.2 ± 0.3
0.8 ± 0.2
4. Recognized by UL, file No. E64380
Amp


Similar Part No. - PC911

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC91.07.0100A.DB TAOGLAS-PC91.07.0100A.DB Datasheet
806Kb / 10P
compatible with hirose u.fl
logo
List of Unclassifed Man...
PC91070100A ETC2-PC91070100A Datasheet
484Kb / 8P
915Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF connector with foam attachment for assembly
logo
Taoglas antenna solutio...
PC91070100A TAOGLAS-PC91070100A Datasheet
905Kb / 11P
Thestripe 915Mhz PCB Antenna
logo
Sharp Corporation
PC910L0NSZ SHARP-PC910L0NSZ Datasheet
220Kb / 13P
High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
PC910L0NSZ0F SHARP-PC910L0NSZ0F Datasheet
242Kb / 14P
High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
More results

Similar Description - PC911

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N137 SHARP-6N137 Datasheet
67Kb / 5P
Super High Speed Response OPIC Photocoupler
PC410 SHARP-PC410 Datasheet
50Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC417 SHARP-PC417 Datasheet
58Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC910X SHARP-PC910X Datasheet
66Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
PC912X SHARP-PC912X Datasheet
62Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
PC917X SHARP-PC917X Datasheet
59Kb / 4P
High Speed, High CMR OPIC Photocoupler
PC9D10 SHARP-PC9D10 Datasheet
56Kb / 4P
Ultra-high Speed Response, 2-channel OPIC Photocoupler
PC957L0NSZ SHARP-PC957L0NSZ Datasheet
48Kb / 3P
High Speed and High CMR OPIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
High Speed Response, High CMR OPIC Photocoupler
PC457L0NIP SHARP-PC457L0NIP Datasheet
49Kb / 5P
High Speed and High CMR ∗OPIC Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com