Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC911 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC911
Description  Ultra-high Speed Response and High CMR OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC911 Datasheet(HTML) 3 Page - Sharp Corporation

  PC911 Datasheet HTML 1Page - Sharp Corporation PC911 Datasheet HTML 2Page - Sharp Corporation PC911 Datasheet HTML 3Page - Sharp Corporation PC911 Datasheet HTML 4Page - Sharp Corporation PC911 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
s Recommended Operating Conditions
PC911
1. When the enable input is not used, please connect to VCC.
2. In order to stabilize power supply line, connect a by-pass ceramic
capacitor ( 0.01 to 0.1
µ F) between VCC and GND at the position within
Fig. 2 Test Circuit for t EHL and tELH
L : Logic ( 0)
Z : High impedance
Cathode
Anode
GND
VCC
VE (Enable)
VO
and wiring capacitance.
0.1
µ F
47
Ω
1.5V
5V
0mA
3.75mA
7.5mA
IF
Pulse input
CL
VO
CL includes the probe
5V
VOL
tr
tf
10 %
90 %
tPLH
tPHL
VO
5V
0.1
µ F
3V
1.5V
0V
5V
1.5V
and wiring capacitance.
Pulse input V E
IF = 7.5mA
CL
VO
R L= 350 Ω
CL includes the probe
VOL
VO
VE
tEHL
tELH
1cm from pin.
H : Logic ( 1)
Parameter
Symbol
MIN.
MAX.
Unit
Low level input current
I FL
0
250
µ A
High level input current
I FH
715
mA
High level enable voltage
V EH
2.0
V CC
V
Low level enable voltage
V EL
0
0.8
V
Supply voltage
V CC
4.5
5.5
V
Fanout
( TTL load )
N-
8
-
Operating temperature
T opr
070
˚C
Input
Enable
Output
HH
L
LH
H
HL
Z
LL
Z
IF
PHL
, t PLH, t r and t f
Truth table
Block Diagram
Fig. 1 Test Circuit for t



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com