Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC911 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC911
Description  Ultra-high Speed Response and High CMR OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC911 Datasheet(HTML) 4 Page - Sharp Corporation

  PC911 Datasheet HTML 1Page - Sharp Corporation PC911 Datasheet HTML 2Page - Sharp Corporation PC911 Datasheet HTML 3Page - Sharp Corporation PC911 Datasheet HTML 4Page - Sharp Corporation PC911 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PC911
Fig. 3 Test Circuit for CMH and CML
5V
0.1
µ F
50V
0V
VCM
VO
CL
IF
VCM
VO
(IF = 0)
VO
(IF = 5mA)
VO(MAX.)
VOL
VO(MIN.)
VOH
50˚C
25˚C
70˚C
1.0
0.01
0.1
1.2
1.4
1.6
1.8
2.0
2.2
1
10
100
Fig. 4 Forward Current vs. Forward Voltage
T a = 0˚C
0
020
10
15
0.1
5
0.2
0.3
0.4
0.5
Fig. 5 Low Level Output Voltage vs.
Low Level Output Current
2.0
4.5
0
4.0
3.5
3.0
2.5
-2
-4
-6
-8
-10
Fig. 6 High Level Output Voltage vs.
High Level Output Current
High level output current I OH ( mA )
Forward voltage VF ( V )
Low level output current I OL ( mA )
V CC =5V
IF = 5mA
T a = 25˚C
V CC =5V
IF = 0.25mA
T a = 25˚C
0
25
50
75
100
025
50
75
Ambient Temperature
Ambient temperature T a (˚C)
t PLH
t PHL
V CC =5V
IF = 7.5mA
Fig. 7 Propagation Delay Time vs.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com