Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC911 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC911
Description  Ultra-high Speed Response and High CMR OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC911 Datasheet(HTML) 2 Page - Sharp Corporation

  PC911 Datasheet HTML 1Page - Sharp Corporation PC911 Datasheet HTML 2Page - Sharp Corporation PC911 Datasheet HTML 3Page - Sharp Corporation PC911 Datasheet HTML 4Page - Sharp Corporation PC911 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PC911
s Electro-optical Characteristics
PHL -t PLH
( Ta = 0 to 70˚C unless specified )
All typical values : at Ta = 25˚C, Vcc=5V
Parameter
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
-
1.6
1.9
V
Reverse current
-
-
10
µ A
Terminal capacitance
-
60
120
pF
Output
High level output voltage
2.4
-
-
V
Low level output voltage
-
0.3
0.6
V
High level enable voltage
2.0
-
-
V
Low level enable voltage
-
-
0.8
V
High level enable current
-
-
100
µ A
Low level enable current
-
- 0.2
- 0.4
mA
High level supply current
-
13
23
mA
Low level supply current
-
15
25
mA
High impedance supply current
-
16
26
mA
Output leak current
-
-
100
µ A
High impedance output current
-
-
100
µ A
Output short-circuit current
- 10
-
- 50
mA
Transfer
charac-
teristics
“ High
→Low” threshold
input current
-
2.5
5
mA
“ Low
→High” threshold
input current
0.5
1.9
-
mA
Hysteresis
0.55
-
0.95
-
Isolation resistance
5 x 1010
1011
-
Floating capacitance
-
0.6
5
pF
“ High
→Low”
propagation delay time
-50
75
“ Low
→High”
propagation delay time
-50
75
*6 Pulse width distortion
-
-
35
Rise time, Fall time
-
15
30
“ High
→Low” enable
propagation delay time
-40
70
“ Low
→High” enable
propagation delay time
-40
70
-V/
µ s
-V/
µ s
Symbol
Conditions
V F
Ta = 25˚C, I F = 10mA
IR
Ta = 25˚C, V R =5V
Ct
Ta = 25˚C, V = 0, f = 1MHz
V OH
VCC = 4.5V, I OH = - 2mA, I F = 0.25mA,
V E
V OL
VCC = 4.5V, V E = 2.0V, I F = 5mA, I OL = 13mA
V EH
V CC = 5.5V
V EL
V CC = 5.5V
I EH
V CC = 5.5V, VE = 5.5V
IEL
V CC = 5.5V, VE = 0.5V
I CCH
VCC = 5.5V, I F = 0, V E = 2.0V
ICCL
VCC = 5.5V, I F = 10mA, V E = 2.0V
ICCZ
V CC = 5.5V, V E =0
I OH
VCC = 5.5V, V E = 2.0V, V O = 5.5V, I F = 0.25mA
I OZH
V CC = 5.5V, V E
IOS
VCC = 5.5V, V O = 0, I F = 0, within 10ms.
I FHL
V CC = 5V, V E = 2.0V
I FLH
V CC = 5V, V E = 2.0V
I FLH /I FHL V CC = 5V, V E = 2.0V
R ISO
Cf
Ta = 25˚C, V = 0, f = 1MHz
t PHL
Ta = 25˚C, V CC =5V
CL= 15pF
IF = 7.5mA, Fig. 1
t PLH
t r , t f
t EHL
Ta = 25˚C, V CC =5V
RL = 350
Ω, C L = 15pF
IF = 7.5mA, V EH =3V
V EL = 0, Fig. 2
t ELH
CMH
Ta = 25˚C, V CC = 5V, V CM = 50V
IF = 0mA, V O(MIN.) = 2V, Fig. 3
CML
Ta = 25˚C, V CC = 5V, V CM = 50V
IF = 5mA, V O(MAX.) = 0.8V, Fig. 3
Instantaneous common mode
rejection voltage “ output :
Instantaneous common mode
rejection voltage “ output :
= 0.2V
= 0.4V
ns
ns
ns
ns
ns
ns
High level”
Low level”
Ta = 25˚C, DC500V, 40 to 60% RH
T W
3 000
10 000
- 3 000
- 10 000
*6
T W =t



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com