Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ05RF11 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ05RF11
Description  1A Output Low Power-Loss Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ05RF11 Datasheet(HTML) 1 Page - Sharp Corporation

  PQ05RF11 Datasheet HTML 1Page - Sharp Corporation PQ05RF11 Datasheet HTML 2Page - Sharp Corporation PQ05RF11 Datasheet HTML 3Page - Sharp Corporation PQ05RF11 Datasheet HTML 4Page - Sharp Corporation PQ05RF11 Datasheet HTML 5Page - Sharp Corporation PQ05RF11 Datasheet HTML 6Page - Sharp Corporation PQ05RF11 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
“ In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices
shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
PQ05RF1Series
s Outline Dimensions
Low Power-Loss Voltage Regulators
PQ05RF1 Series
(Unit : mm)
1A Output Low Power-Loss Voltage Regulators
s Features
¡Compact resin full-mold package
¡Low power-loss (Dropout voltage:MAX.0.5V)
¡Built-in ON/OFF control terminal (PQ05RF1/PQ05RF11
series)
¡Built-in output voltage minute adjustment terminal (Critical rate
of ripple rejection is improved.)
(PQ05RF1V series)
¡Lead forming type (PQ05RF1A/1B series) is also available.
2
3
1
4
PQ05RF1
Internal connection diagram
Specific IC
PQ05RF1/11series
1 DC input (VIN)
2 DC output (VO)
3 GND
4 ON/OFF control
terminal (VC)
10.2MAX
φ3.2±0.1
+0.3
-0
4-1.4
+0.2
-0.1
4-0.6
3-(2.54)
4.5±0.2
2.8±0.2
(1.5)
(0.5)
q
1
q
2
q
3
q
4
PQ05RF1Vseries
1 DC input (VIN)
2 DC output (VO)
3 GND
4 Output voltage
minute
adjustment
terminal (VADJ)
s Applications
¡Seris power supply for various electronic equipment such as
VCRs and musical instruments
s Equivalent Circuit Diagram
1
2
-
+
4
3
Reference
voltage
generation
circuit
Output
ON/OFF
control circuit
Overheat
protection
circuit
PQ05RF1series/PQ05RF11series
1
2
4
-
+
3
Reference
voltage
generation
circuit
*ASO
protection
circuit
Overheat
protection
circuit
PQ05RF1Vseries
*ASO:Area of Safety
Operation
*ASO
protection
circuit
Output voltage
PQ05RF1
PQ05RF11
PQ05RF1V
Output voltage
precision:±5%
Output voltage
precision:±2.5%
Minute adjustment
(Output voltage adjust-
ment range:±10%)
s Model Line-ups
5Voutput
PQ09RF1
PQ09RF11
PQ09RF1V
9Voutput
PQ12RF1
PQ12RF11
PQ12RF1V
12Voutput
· Please refer to the chapter“ Handling Precautions ”.


Similar Part No. - PQ05RF11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RF11 SHARP-PQ05RF11 Datasheet
80Kb / 8P
1A Output Low Power-Loss Voltage Regulators
More results

Similar Description - PQ05RF11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05NF1 SHARP-PQ05NF1 Datasheet
47Kb / 5P
1A Output, General Purpose Low Power-Loss Voltage Regulators
PQ05RA1 SHARP-PQ05RA1 Datasheet
41Kb / 5P
OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
PQ05RD11 SHARP-PQ05RD11 Datasheet
31Kb / 3P
1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05RF12 SHARP-PQ05RF12 Datasheet
40Kb / 5P
1A Output Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop
PQ15RF15 SHARP-PQ15RF15 Datasheet
39Kb / 4P
1A Output, Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
Variable Output Low Power-Loss Voltage Regulators
PQ05RA1 SHARP-PQ05RA1_01 Datasheet
58Kb / 6P
OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
PQ05RD11 SHARP-PQ05RD11_01 Datasheet
67Kb / 6P
1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1_01 Datasheet
80Kb / 8P
1A Output Low Power-Loss Voltage Regulators
PQXXXRDA1SZH SHARP-PQXXXRDA1SZH Datasheet
204Kb / 7P
TO-220 Type,1A Output Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com