Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ05RF11 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PQ05RF11
Description  1A Output Low Power-Loss Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ05RF11 Datasheet(HTML) 5 Page - Sharp Corporation

  PQ05RF11 Datasheet HTML 1Page - Sharp Corporation PQ05RF11 Datasheet HTML 2Page - Sharp Corporation PQ05RF11 Datasheet HTML 3Page - Sharp Corporation PQ05RF11 Datasheet HTML 4Page - Sharp Corporation PQ05RF11 Datasheet HTML 5Page - Sharp Corporation PQ05RF11 Datasheet HTML 6Page - Sharp Corporation PQ05RF11 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Fig.13 Output Voltage vs. Input Voltage
(PQ12RF1/PQ12RF11/PQ12RF1V)
Fig.15 Circuit Operating Current vs. Input Voltage
(PQ09RF1/PQ09RF11/PQ09RF1V)
Fig.17 Dropout Voltage vs. Junction
Temperature
Fig.16 Circuit Operating Current vs. Input Voltage
(PQ12RF1/PQ12RF11/PQ12RF1V)
Fig.18 Quiescent Current vs. Junction
Temperature
Fig.14 Circuit Operating Current vs. Input Voltage
(PQ05RF1/PQ05RF11/PQ05RF1V)
Low Power-Loss Voltage Regulators
PQ05RF1 Series
0
0
5
10
15
20
25
5
10
15
20
Input voltage VIN (V)
RL=
∞
RL=24
Ω
RL=12
Ω
0
05
10
10
20
30
RL=
∞
RL=10
Ω
RL=5
Ω
40
Input voltage VIN (V)
0
010
15
5
10
20
30
RL=
∞
RL=18
Ω
RL=9
Ω
40
Input voltage VIN (V)
0
0
5
10
15
20
25
10
20
30
RL=
∞
RL=
∞
RL=24
Ω
RL=24
Ω
RL=12
Ω
RL=12
Ω
40
Input voltage VIN (V)
-25
0
50
25
100
75
125
0.5
0.4
0.2
0.3
0.1
0
Junction temperature Tj (˚C)
IO=1A
0.75A
0.5A
0.25A
0
-25
0
25
50
75
100
125
2
4
6
8
VIN=35V
IO=0
10
Junction temperature Tj (˚C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com