Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ05RF11 Datasheet(PDF) 7 Page - Sharp Corporation

Part # PQ05RF11
Description  1A Output Low Power-Loss Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ05RF11 Datasheet(HTML) 7 Page - Sharp Corporation

  PQ05RF11 Datasheet HTML 1Page - Sharp Corporation PQ05RF11 Datasheet HTML 2Page - Sharp Corporation PQ05RF11 Datasheet HTML 3Page - Sharp Corporation PQ05RF11 Datasheet HTML 4Page - Sharp Corporation PQ05RF11 Datasheet HTML 5Page - Sharp Corporation PQ05RF11 Datasheet HTML 6Page - Sharp Corporation PQ05RF11 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Low Power-Loss Voltage Regulators
PQ05RF1 Series
Output voltage precision:±5%
Output voltage precision:±2.5%
s Model Line-ups for Lead Forming Type
5V output
Output voltage
PQ09RF1A
PQ09RF1B
9V output
PQ12RF1A
PQ12RF1B
12V output
PQ05RF1A
PQ05RF1B
s Outline Dimensions (PQ05RF1A/PQ05RF1B series)
(Unit : mm)
Note) The value absolute maximum ratings and electrical characteristics is same as ones of PQ05RF1/11 series.
s Precautions for Use
(1) Minute adjustment of output voltage (PQ05RF1V series)
If the external resistor is attached to the terminals ™, £ and ¢, minute adjustment of output voltage is possible.
(Refer to the example of basic circuit (PQ05RF1V series) and Fig.5 to 7.)
PQ05RF1
2
3
1
4
1 DC input (VIN)
2 DC output (VO)
3 GND
4 ON/OFF control
terminal (VC)
Specific IC
Internal connection diagram
10.2MAX
φ3.2±0.1
+0.3
-0
4-1.4
+0.2
-0.1
4-0.6
3-(2.54)
4.5±0.2
2.8±0.2
(3.2)
q
1
q
2
q
3
q
4
5±0.5
8.2±0.7
(0.5)
(1.5)
· (
) : Typical value
· Radius of lead forming portion : R=0.5 to 1.5mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com