Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ05RF11 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ05RF11
Description  1A Output Low Power-Loss Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ05RF11 Datasheet(HTML) 3 Page - Sharp Corporation

  PQ05RF11 Datasheet HTML 1Page - Sharp Corporation PQ05RF11 Datasheet HTML 2Page - Sharp Corporation PQ05RF11 Datasheet HTML 3Page - Sharp Corporation PQ05RF11 Datasheet HTML 4Page - Sharp Corporation PQ05RF11 Datasheet HTML 5Page - Sharp Corporation PQ05RF11 Datasheet HTML 6Page - Sharp Corporation PQ05RF11 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Fig.1 Test Circuit
Low Power-Loss Voltage Regulators
PQ05RF1 Series
Fig.3 Power Dissipation vs. Ambient
Temperature
Fig.5 Output Voltage Minute Adjustment
Characteristics (PQ05RF1V)
Fig.6 Output Voltage Minute Adjustment
Characteristics (PQ09RF1V)
Fig.4 Overcurrent Protection
Characteristics (Typical Value)
0
-25
0
PD1
PD2
PD1 :No heat sink
PD2 :With infinite heat sink
50
100
150
5
10
15
20
Ambient temperature Ta (˚C)
Note) Oblique line portion:Overheat protection may operate
in this area.
0
0.5
1.0
1.5
2.0
100
80
40
60
20
0
Output current IO (A)
10
2
10
3
10
4
4.5
5.0
5.5
6.0
R1=390
Ω
R1=1k
Ω
R1=
3.9k
Ω
R2 (
Ω)
10
3
10
4
10
5
8.1
9.0
9.9
R1=390
Ω
R1=1k
Ω
R1=3.9k
Ω
R2 (
Ω)
Fig.2 Test Circuit of Ripple Rejection
q
3
q
2
q
1
q
4
A
V
A
A
VIN
Iq
IC
IO
VO
VC
RL
0.33
µF
47
µF
+
q
3
q
2
q
1
q
4
A
V
A
VIN
Iq
IO
VO
RL
0.33
µF
3.3
µF
PQ05RF1/PQ05RF11series
PQ05RF1Vseries
47
µF
+
+
3.3
µF
PQ05RF1/PQ05RF11series
PQ05RF1Vseries
q
3
q
2
q
1
q
4
V
ei
VIN
eO
RL
0.33
µF
47
µF
+
+
~
~
q
3
q
2
q
1
q
4
V
ei
VIN
eO
RL
0.33
µF
47
µF
+
+
~
~
+
f=120Hz (sine wave)
ei=0.5Vrms
RR=20 log (ei/eo)
f=120Hz (sine wave)
ei=0.5Vrms
RR=20 log (ei/eo)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com