Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC207AS8 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC207AS8
Description  GaAs MMIC SMT Double-Ba lanced Mixer, 0.7 - 2.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC207AS8 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC207AS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 4
Absolute Maximum ratings
rF / iF input
+13 dBm
LO Drive
+27 dBm
storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
esD sensitivity (HBM)
Class 1A
eLeCTrOsTATiC seNsiTiVe DeViCe
OBserVe HANDLiNG PreCAUTiONs
v03.0709
GaAs MMIC SMT Double-
bAlAnCeD MIxer, 0.7 - 2.0 GHz
HMC207AS8 / 207AS8E
outline Drawing
Part Number
Package Body Material
Lead Finish
MsL rating
Package Marking [3]
HMC207As8
Low stress injection Molded Plastic
sn/Pb solder
MsL1
[1]
HMC207A
xxxx
HMC207As8e
roHs-compliant Low stress injection Molded Plastic
100% matte sn
MsL1
[2]
HMC207A
xxxx
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number xxxx
Package Information
NOTes:
1. LeADFrAMe MATeriAL: COPPer ALLOY
2. DiMeNsiONs Are iN iNCHes [MiLLiMeTers].
3. DiMeNsiON DOes NOT iNCLUDe MOLDFLAsH OF 0.15mm Per siDe.
4. DiMeNsiON DOes NOT iNCLUDe MOLDFLAsH OF 0.25mm Per siDe.
5. ALL GrOUND LeADs MUsT Be sOLDereD TO PCB rF GrOUND.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com