Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC207AS8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC207AS8
Description  GaAs MMIC SMT Double-Ba lanced Mixer, 0.7 - 2.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC207AS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC207AS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 1
HMC207AS8 / 207AS8E
GaAs MMIC SMT Double-
bAlAnCeD MIxer, 0.7 - 2.0 GHz
v00.1210
General Description
Features
Functional Diagram
Conversion Loss: 9 dB
LO / iF isolation: 45 dB
LO / rF isolation: 40 dB
input iP3: +17 dBm
electrical Specifications, T
A = +25° C, As a Function of lo Drive
Typical Applications
The HMC207As8 / HMC207As8e is ideal for:
• Base stations
• Cable Modems
• Portable Wireless
The HMC207As8 & HMC207As8e are miniature dou-
ble-balanced mixers in 8 lead plastic surface mount
small Outline iC (sOiC) packages. This passive
MMiC mixer is constructed of GaAs schottky diodes
and novel planar transformer baluns on the chip. The
device can be used as an upconverter, downconverter,
biphase modulator (de)modulator, or phase compara-
tor. The consistent MMiC performance will improve
system operation and assure regulatory compliance.
The high LO suppression of 45 to 50 dB yields excel-
lent carrier suppression for modulator applications.
Parameter
LO = +13 dBm
iF = 70 MHz
LO = +10 dBm
iF = 70 MHz
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency range, rF & LO
0.7 - 2.0
0.8 - 1.2
GHz
Frequency range, iF
DC - 0.3
DC - 0.3
GHz
Conversion Loss
9
10.5
7.5
10
dB
Noise Figure (ssB)
9
10.5
7.5
10
dB
LO to rF isolation
32
40
40
45
dB
LO to iF isolation
38
45
40
45
dB
rF to iF isolation
17
23
18
22
dB
iP3 (input)
14
17
12
15
dBm
1 dB Gain Compression (input)
8
11
7
10
dBm


Similar Part No. - HMC207AS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC207S8 HITTITE-HMC207S8 Datasheet
167Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC207S8 HITTITE-HMC207S8 Datasheet
239Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC207S8 HITTITE-HMC207S8_06 Datasheet
239Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
More results

Similar Description - HMC207AS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC207S8 HITTITE-HMC207S8 Datasheet
167Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC208MS8 HITTITE-HMC208MS8 Datasheet
175Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC140 HITTITE-HMC140 Datasheet
76Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER 1.0 - 2.0 GHz
HMC208MS8 HITTITE-HMC208MS8_00 Datasheet
116Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz
HMC207S8 HITTITE-HMC207S8_06 Datasheet
239Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC292LM3C HITTITE-HMC292LM3C_06 Datasheet
323Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 17 - 31 GHz
HMC208AMS8 HITTITE-HMC208AMS8 Datasheet
639Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC213AMS8 HITTITE-HMC213AMS8 Datasheet
737Kb / 6P
GaAs MMIC SMT Double-Ba lanced Mixer, 1.5 - 4.5 GHz
HMC277MS8 HITTITE-HMC277MS8_08 Datasheet
192Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 0.7 - 1.2 GHz
HMC340ALP5 HITTITE-HMC340ALP5 Datasheet
727Kb / 8P
GaAs MMIC SMT Double-Ba lanced DUAL Mixer, 1.7 - 4.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com