Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC207AS8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC207AS8
Description  GaAs MMIC SMT Double-Ba lanced Mixer, 0.7 - 2.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC207AS8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC207AS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 2
Conversion loss vs
Temperature @ lo = +13 dbm
Isolation @ lo = +13 dbm
Conversion loss vs. lo Drive
v00.1210
return loss @ lo = +13 dbm
IF bandwidth @ lo = +13 dbm
P1db vs.
Temperature @ lo = +13 dbm
HMC207AS8 / 207AS8E
GaAs MMIC SMT Double-
bAlAnCeD MIxer, 0.7 - 2.0 GHz
-20
-15
-10
-5
0
0.5
1
1.5
2
-40 C
+25 C
+85 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
RF
IF
LO
FREQUENCY (GHz)
-20
-15
-10
-5
0
0.5
1
1.5
2
+7 dBm
+9 dBm
+11 dBm
+13 dBm
+15 dBm
FREQUENCY (GHz)
9
10
11
12
13
14
15
0.5
0.8
1.1
1.4
1.7
2
-40 C
+25 C
+85 C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
0.2
0.4
0.6
0.8
1
IF FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0.5
1
1.5
2
RF to IF
LO to IF
LO to RF
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com