Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC207AS8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC207AS8
Description  GaAs MMIC SMT Double-Ba lanced Mixer, 0.7 - 2.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC207AS8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC207AS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 3
Input IP3 vs.
Temperature @ lo = +13 dbm
Input IP2 vs.
Temperature @ lo = +13 dbm
Input IP3 vs. lo Drive
Input IP2 vs. lo Drive
v03.0709
GaAs MMIC SMT Double-
bAlAnCeD MIxer, 0.7 - 2.0 GHz
HMC207AS8 / 207AS8E
20
30
40
50
60
70
0.5
0.8
1.1
1.4
1.7
2
-40 C
+25 C
+85 C
LO FREQUENCY (GHz)
0
10
20
30
40
50
60
70
0.5
0.8
1.1
1.4
1.7
2
+9 dBm
+11 dBm
+13 dBm
LO FREQUENCY (GHz)
5
10
15
20
25
30
35
0.5
0.8
1.1
1.4
1.7
2
-40 C
+25 C
+85 C
LO FREQUENCY (GHz)
-5
0
5
10
15
20
25
30
0.5
0.8
1.1
1.4
1.7
2
+9 dBm
+11 dBm
+13 dBm
LO FREQUENCY (GHz)
Mxn Spurious outputs
Harmonics of lo
nLO
mrF
0
1
2
3
4
0
xx
14
27
22
44
1
16
0
46
45
46
2
68
62
67
69
73
3
89
92
91
65
86
4
>105
>105
>105
95
96
rF = 0.9 GHz @ -10 dBm
LO = 0.97 GHz @ +13 dBm
All values in dBc relative to the iF
LO Freq.
(GHz)
nLO spur at rF Port
1
2
3
4
0.7
48
38
66
50
0.9
64
33
73
63
1.1
47
32
54
54
1.3
40
34
39
55
1.5
39
40
45
57
1.7
38
51
42
60
LO = +13 dBm
Values in dBc below input LO level measured at rF Port.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com