Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5M2 Datasheet(PDF) 13 Page - Sharp Corporation

Part # SM5M2
Description  4-Bit Single-Chip Microcomputer(LCD Driver)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5M2 Datasheet(HTML) 13 Page - Sharp Corporation

Back Button SM5M2 Datasheet HTML 9Page - Sharp Corporation SM5M2 Datasheet HTML 10Page - Sharp Corporation SM5M2 Datasheet HTML 11Page - Sharp Corporation SM5M2 Datasheet HTML 12Page - Sharp Corporation SM5M2 Datasheet HTML 13Page - Sharp Corporation SM5M2 Datasheet HTML 14Page - Sharp Corporation SM5M2 Datasheet HTML 15Page - Sharp Corporation SM5M2 Datasheet HTML 16Page - Sharp Corporation SM5M2 Datasheet HTML 17Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
SM5M2
- 13 -
OSCIN
OSC
CG
OSCOUT
OSCIN-OSCOUT : Crystal oscillation
(32.768 kHz)
CK2
OSC
CK1
CK1-CK2 : CR oscillation
(70 kHz)
MPX.
fSYS
fSYS = 17.5 kHz or 35 kHz
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
fC
f0
f14
1 Hz
2 Hz
fC = 1 Hz or 2 Hz
Determined by
mask option
4 kHz 2 kHz
256 Hz
RF2
Divider
Fig. 8
System Clock Generator and Divider
Either of the system clock frequencies 35 kHz or
17.5 kHz ( in case of CR oscillation) can be
selected by the RF2 flag (See Table 2). The 17.5
kHz clock has slower command execution speed,
but uses less power for the same function.
The system clock is initialized to 35 kHz after
hardware reset operation.
The Table 2 shows the relationship between the
contents of RF2 flag for OSC resonator and the
generated frequency, fSYS.
Table 2
OSC Resonator and Frequency fSYS
FOR OSC RESONATOR
CONTENTS OF RF2 FLAG
GENERATED FREQUENCY fSYS
70 kHz CR oscillation
0
35 kHz
1
17.5 kHz
32.768 kHz crystal
0
16.384 kHz
1
8.192 kHz
System Clock Generator and Dividers
The main oscillation frequency (CR oscillator) which
is input through CK1 is divided into 2 or 4 to
generate the system clock fSYS (Fig. 8).
System clock fSYS determines the execution
instruction cycle so that the system clock period is
the same as the instruction cycle.
However, the instruction execution cycle of two-
word
instruction
is
twice
that
of
one-word
instructions.
Use of a CR oscillating element or a crystal
oscillating element for the oscillator circuit is
determined by the mask option. The crystal
oscillator which is input through "OSCIN-OSCOUT"
can be used as both real time clock and display
signal of LCD. On the final stage of the divider, fc
can be set 1 Hz or 2 Hz ( in case of 32 kHz crystal
oscillation) depending on the mask option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com