Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5M2 Datasheet(PDF) 26 Page - Sharp Corporation

Part # SM5M2
Description  4-Bit Single-Chip Microcomputer(LCD Driver)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5M2 Datasheet(HTML) 26 Page - Sharp Corporation

Back Button SM5M2 Datasheet HTML 20Page - Sharp Corporation SM5M2 Datasheet HTML 21Page - Sharp Corporation SM5M2 Datasheet HTML 22Page - Sharp Corporation SM5M2 Datasheet HTML 23Page - Sharp Corporation SM5M2 Datasheet HTML 24Page - Sharp Corporation SM5M2 Datasheet HTML 25Page - Sharp Corporation SM5M2 Datasheet HTML 26Page - Sharp Corporation SM5M2 Datasheet HTML 27Page - Sharp Corporation SM5M2 Datasheet HTML 28Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
SM5M2
- 26 -
Instruction Summary
MNEMONIC
MACHINE CODE
OPERATION
ROM Address Control Instructions
TR
x
80 to BF
PL
← x ( I5-I0)
TL xy
E0 to EF
00 to FF
PU
← x ( I11-I6)
PL
← y ( I5-I0)
TRS x
C0 to DF
Push, PU
← 01H
PL
← x ( I4, I3, I2, I1, I0, 0)
CALL xy
F0 to FF
00 to FF
Push,
PU
← x ( I11-I6)
PL
← y ( I5-I0)
RTN
7D
Pop
RTNS
7E
Pop, Skip the next step
RTNI
7F
Pop, IME
← 1
Data Transfer Instructions
LAX x
10 to 1F
ACC
← x ( I3-I0)
LBMX x
30 to 2F
BM
← x ( I3-I0)
LBLX x
20 to 2F
BL
← x ( I3-I0)
LDA x
50 to 53
ACC
← M
BMi
← BMi ⊕ x ( I1, I0) ( i = 1, 0)
EXC x
54 to 57
M
↔ ACC
BMi
← BMi ⊕ x ( I1, I0) ( i = 1, 0)
EXCI x
58 to 5B
M
↔ ACC, BL ← BL+1
BMi
← BMi ⊕ x ( I1, I0) ( i = 1, 0)
Skip if Cy =1(BL = 0FH
→ 0)
EXCD x
5C to 5F
M
↔ ACC, BL ← BL+0FH
BMi
← BMi ⊕ x ( I1, I0) ( i = 1, 0)
Skip if Cy =1(BL = 0
→ 0FH)
EXAX
64
ACC
↔ X
ATX
65
x
← ACC
EXBM
66
BM
↔ ACC
EXBL
67
BL
↔ ACC
EX
68
B
↔ SB
Arithmetic Instructions
ADX x
00 to 0F
ACC
← ACC+x ( I3-I0),
Skip if Cy = 1
ADD
7A
ACC
← ACC+M
ADC
7B
ACC
← ACC + M+C, C ↔ Cy
Skip if Cy = 1
COMA
79
ACC
← ACC
INCB
78
BL
← BL+1, Skip if BL = 0FH
DECB
7C
BL
← BL–1, Skip if BL = 0
MNEMONIC
MACHINE CODE
OPERATION
Test Instructions
TAM
6F
Skip if ACC = M
TC
6E
Skip if C = 1
TM x
48 to 4B
Skip if Mi = 1 ( i = 3 to 0)
TABL
6B
Skip if A = BL
TPB x
4C to 4F
Skip if P (R) i = 1 ( i = I1, I0)
TA
6C
Skip if IFA = 1, and ( IFA
← 0)
TD
69
02
Skip if IFD = 1, and ( IFD
← 0)
Bit Manipulation Instructions
SM x
44 to 47
Mi
← 1 ( i = 3 to 0)
RM x
40 to 43
Mi
← 0 ( i = 3 to 0)
SC
61
C
← 1
RC
60
C
← 0
IE
63
IME
← 1
ID
62
IME
← 0
I/O Control Instructions
INL
70
ACC
← P1i ( i = 3 to 0)
OUTL
71
P0i
← ACC ( i = 3 to 0)
ANP
72
Pj
← Pj
∩ A
CC
( j = 3 to 0)
ORP
73
Pj
← Pj
∪ A
CC
( j = 3 to 0)
IN
74
ACC
← Pj ( j = 3, 2, 1)
OUT
75
Pj
← ACC ( j = 3 to 0)
Rj
← ACC ( j = F to D)
Table Reference Instruction
PAT
6A
00 to FF
Push
PU
← (0, 4), PL (X1, X0, ACC)
(X, ACC)
← I7-I0
Pop
Divider Instructions
DR
69
03
DIV ( f7-f0) Reset
DTA
69
04
ACC
← Divider ( f3 to f0)
Melody Control Instruction
PRE
6D
Melody ROM pointer preset
Melody ROM pointer
← X, A
Special Instructions
STOP
76
Standby mode (STOP)
HALT
77
Standby mode (HALT)
NOP
00
No operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com