Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5M2 Datasheet(PDF) 5 Page - Sharp Corporation

Part # SM5M2
Description  4-Bit Single-Chip Microcomputer(LCD Driver)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5M2 Datasheet(HTML) 5 Page - Sharp Corporation

  SM5M2 Datasheet HTML 1Page - Sharp Corporation SM5M2 Datasheet HTML 2Page - Sharp Corporation SM5M2 Datasheet HTML 3Page - Sharp Corporation SM5M2 Datasheet HTML 4Page - Sharp Corporation SM5M2 Datasheet HTML 5Page - Sharp Corporation SM5M2 Datasheet HTML 6Page - Sharp Corporation SM5M2 Datasheet HTML 7Page - Sharp Corporation SM5M2 Datasheet HTML 8Page - Sharp Corporation SM5M2 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
SM5M2
- 5 -
DC CHARACTERISTICS
(VDD = 2.4 to 3.3 V, TOPR = 0 to +50
°C)
PARAMETER
SYMBOL
CONDITIONS
MIN.
UNIT
NOTE
Input voltage
VIH1
0.8 x VDD
VDD
V
1
VIL1
0
0.2 x VDD
VIH2
VDD –0.25
VDD
V
2
VIL2
0
0.25
Input current
IIH1
VIH = VDD
30.0
µA
3
IIH2
VIH = VDD
30.0
4
IIL1
VIL = 0 V
25.0
5
10
11
-IOH1
IOL1
VOH = VDD – 0.5 V
VOL = 0.5 V
VOH = VDD – 0.5 V
VOL = 0.5 V
500
1 000
500
25
1 300
2 000
1 300
90.0
980
740
200
µA
6
-IOH2
IOL2
Output current
IO1
D= 1FH
7
IO2
D= 0FH
IO3
D= 01H
8
IOP11
CRRUN1
120
150
IOP12
CRRUN2
110
130
9
ISt11
CRSTOP1
15.0
4.00
3.00
50.0
40.0
30.0
26.0
26.0
4.0
15
30
40.0
15.0
13.0
100.0
80.0
60.0
52.0
52.0
15.0
Supply current
ISt12
CRSTOP2
CRSTOP3
XTALRUN1
XTALRUN2
XTALHALT1
XTALHALT2
XTALHALT3
XTALSTOP
VDD=3.0 V
VDD=3.0 V
µA
k
Ω
ISt13
IOP21
IOP22
ISt 21
ISt 22
ISt 23
ISt 24
DCOM
DS
NOTES :
1. Applicable pins : P10-P13, P20-P22
2. Applicable pins : OSCIN, RESET, T, INTA
3. Applicable pins : P20-P22
4. Applicable pins : P10-P13
5. Applicable pin : RESET
6. Applicable pins : P00-P03, F
7. Applicable pins : P10-P13, P20-P22
8. Applicable pins : VOICE, value of external resistor = 2 k
Ω
9. Measurement conditions in detail are mentioned in the
tables next page.
10. Applicable pins : H0-H3
11. Applicable pins : S0-S33
VDD
VOA
GND
LCD wave form (EXAMPLE)
MAX.
TYP.
Output impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com