Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5M2 Datasheet(PDF) 4 Page - Sharp Corporation

Part # SM5M2
Description  4-Bit Single-Chip Microcomputer(LCD Driver)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5M2 Datasheet(HTML) 4 Page - Sharp Corporation

  SM5M2 Datasheet HTML 1Page - Sharp Corporation SM5M2 Datasheet HTML 2Page - Sharp Corporation SM5M2 Datasheet HTML 3Page - Sharp Corporation SM5M2 Datasheet HTML 4Page - Sharp Corporation SM5M2 Datasheet HTML 5Page - Sharp Corporation SM5M2 Datasheet HTML 6Page - Sharp Corporation SM5M2 Datasheet HTML 7Page - Sharp Corporation SM5M2 Datasheet HTML 8Page - Sharp Corporation SM5M2 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
SM5M2
- 4 -
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
NOTE
Supply voltage
V
VDD
–0.3 to 4.0
Input voltage
VI
–0.3 to VDD + 0.3
V
Output voltage
VO
–0.3 to VDD + 0.3
V
Source output current for each pin
IO1
2
mA
1
IO2
2
mA
2
IO3
2
mA
3
IO4
2
mA
4
Sink output current for each pin
IO5
2
mA
1
IO6
100
µA
2
IO7
2
mA
3
IO8
2
mA
4
Total source output current
IOH
10
mA
Total sink output current
IOL
10
mA
Operating temperature
TOPR
0 to 50
°C
Storage temperature
TSTG
–55 to 150
°C
NOTES :
1. Applicable pins : P00-P03
2. Applicable pins : P10-P13, P20-P22
3. Applicable pin : F
4. Applicable pins : H0-H3, S0-S33
NOTE :
1. Use the crystal oscillation circuit
RECOMMENDED OPERATING CONDITIONS
Oscillation Circuit
OSCIN OSCOUT
CK1
CK2
Crystal
C1
C2
R
OSCIN OSCOUT
CK1
VDD
CK2
Crystal
C1
C2
NOTE : Mount the R, C and crystal as close to the LSI chip as possible to minimize the effects of stray capacitance.
PARAMETER
SYMBOL
RATING
UNIT
NOTE
Supply voltage
V
VDD
2.4 to 3.3
Instruction cycle
TSYS
Crystal+CR 25.9 to 31.7
Crystal 61.0
µs
Oscillation starting voltage
VOSC
2.0
V
1
• Crystal oscillation (frequency = 32.768 kHz)
• CR oscillation (frequency = 70 kHz)
NOTE : In case of using RC resonator, crystal is also required.
Crystal : 32.768 kHz
C1 = 15 pF
C2 = 15 pF
Degree of fluctuation frequency : ± 10%
(VDD = 3 V, TOPR = 25°C)
C1 = 15 pF, C2 = 15 pF, R = 1.0 M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com