Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393D Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM393D
Description  DUAL VOLTAGE COMPARATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM393D Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM393D Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM393D Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM393D Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM393D Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DUAL VOLTAGE COMPARATOR
LM393
ABSOLUTE MAXIMUM RATINGS
CHARACTERISTIC
Power Supply Voltage
Differential Input Voltage
Input Voltage
Output Short Circuit to GND
Power Dissipation
Operating Temperature Range
Storage Temperature Range
Electrical characterisitics at specified free-air temperature, VCC=5V(unless otherwise noted)
VIO
VCC=5V to 30V
Input Offset Voltage
VIC=VICRMIN,
VO=1.4V
IIO
Input Offset Current
IIB
Input Bias Current
VICR
Common-Mode Input Voltage
Range**
AVD
VCC=15V,
Large-Signal Differential
VO=1.4V to 11.4V,
Voltage Amplification
RL≥15㏀ to VCC
IOH
VOH=5V, VID=1V
High-Level Output Current
VOH=30V, VID=1V
VOL
Low-Level Output Voltage
IOL
Low-Level Output Current
ICC
VCC=5V
Supply Current
VCC=30V
* Full range (MIN to MAX), for LM393 is 0℃ to 70℃. All characteristics are measured with zero common-mode input
voltage unless otherwise specified.
** The voltage at either input or common-mode should not be allowed to go negative by more than 0.3V.
The upper end of the common-mode voltage range is VCC -1.5V, but either or both inputs can go to 30V without
damage.
Switching characteristics, VCC=5V, TA=25℃
RL Connected to 5V
100-㎷ Input Step with 5-㎷
Through 5.1㏀,
Overdrive
CL=15㎊*(See Note 1)
TTL-Level Input Step
* CL includes probe and jig capacitance.
Note 1 : The response time specified is the interval between the input step function and the instant when the output
crosses 1.4V.
HTC
PARAMETER
- 2 -
㎃
1
2.5
㎃
RL=∞
Response Time
0.3
PARAMETER
Full Range
25℃
0.8
700
㎁
0.1
50
400
㎷
㎂
1
VOL=1.5V, VID=-1V
25℃
6
IOL=4㎃, VID=-1V
Full Range
150
25℃
25℃
50
200
Full Range
25℃
VO=1.4V
25℃
5
Full Range
VO=1.4V
25℃
1.3
-400
-25
-250
25℃
0toVCC-1.5
TEST CONDITIONS*
LM393
UNIT
MIN
TYP
MAX
570
㎽
TOPR
0~+70
℃
Continuous
LM393
UNIT
MIN
TYP
MAX
TEST CONDITION
PD
32
V
VI
-0.3 to +32
V
TSTG
-65 to +150
℃
SYMBOL
VALUE
UNIT
VCC
±18 or 32
V
VI(DIFF)
9
25℃
2
5
Full Range
Full Range
Full Range
0toVCC-2
㎷
㎁
㎁
150
50
㎲
V
V/㎷



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com