Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393D Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM393D
Description  DUAL VOLTAGE COMPARATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM393D Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM393D Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM393D Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM393D Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM393D Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DUAL VOLTAGE COMPARATOR
LM393
FEATURES
● Single Supply Operation : 2V to 36V
● Dual Supply Operation : ±1V to ±18V
● Allow Comparison of Voltages Near Ground Potential
● Low Current Drain 800㎂ Typ
● Compatible with all Forms of Logic
● Low Input Bias Current 25㎁ Typ
● Low Input Offset Current ±5㎁ Typ
● Low Offset Voltage ±1㎷ Typ
● Moisture Sensitivity Level 3
ORDERING INFORMATION
DESCRIPTION
The LM393 series consists of two independent precision voltage comparators with an offset voltage
specification as low as 2.0㎷ max. for two comparators which were designed specifically to operate
from a single power supply over a wide range of voltages. Operation from split power supplies
is also possible and the low power supply current drain is independent of the magnitude of the power
supply voltage.
These comparators also have a unique characteristic in that the input common-mode voltage range
includes ground, even though operated from a single power supply voltage.
The LM393 series was designed to directly interface with TTL and CMOS. When operated from both
plus and minus power supplies, the LM393 series will directly interface with MOS logic where their
low power drain is a distinct advantage over standard comparators.
EQUIVALENT CIRCUIT
(1 COMPARATOR ONLY)
2008 - Ver 1.0
HTC
- 1 -
Package
LM393D
8 SOP
LM393N
8 DIP
Device
OUTPUT
Q1
+INPUT
3.5㎂
100㎂
3.5㎂
100㎂
Q2
Q3
-INPUT
Q4
Q5
Q6
Q7
Q8
V+
SOP 8 / DIP 8 Pin Configulation
1
2
3
4
8
7
6
5
IN1(-)
IN1 (+)
Gnd
IN2 (+)
Vcc
Out
Out2
IN2 (-)
A
+
-
B
-
+
SOP-8 PKG
DIP-8 PKG


Similar Part No. - LM393D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM393D MOTOROLA-LM393D Datasheet
136Kb / 6P
SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
NXP Semiconductors
LM393D PHILIPS-LM393D Datasheet
121Kb / 6P
Low power dual voltage comparator
1995 Nov 27
logo
Texas Instruments
LM393D TI-LM393D Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
logo
ON Semiconductor
LM393D ONSEMI-LM393D Datasheet
115Kb / 10P
Low Offset Voltage Dual Comparators
October, 2004 ??Rev. 15
LM393D ONSEMI-LM393D Datasheet
107Kb / 10P
Low Offset Voltage Dual Comparators
March, 2006 ??Rev. 17
More results

Similar Description - LM393D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM219 PHILIPS-LM219 Datasheet
111Kb / 5P
Dual voltage comparator
August 31, 1994
logo
Toshiba Semiconductor
TA7522F TOSHIBA-TA7522F Datasheet
143Kb / 4P
DUAL VOLTAGE COMPARATOR
TA7522S TOSHIBA-TA7522S Datasheet
201Kb / 6P
DUAL VOLTAGE COMPARATOR
TA75W393FU TOSHIBA-TA75W393FU Datasheet
188Kb / 5P
DUAL VOLTAGE COMPARATOR
logo
Daewoo Semiconductor
DBL393 DAEWOO-DBL393 Datasheet
267Kb / 6P
DUAL VOLTAGE COMPARATOR
logo
AUK corp
S393 AUK-S393 Datasheet
255Kb / 4P
Dual Voltage Comparator
S393P AUK-S393P Datasheet
262Kb / 3P
Dual Voltage Comparator
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393 Datasheet
141Kb / 6P
Dual Voltage Comparator
logo
AUK corp
S393 AUK-S393_1 Datasheet
255Kb / 4P
Dual Voltage Comparator
S393P AUK-S393P_1 Datasheet
258Kb / 4P
Dual Voltage Comparator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com