Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393D Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM393D
Description  DUAL VOLTAGE COMPARATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM393D Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM393D Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM393D Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM393D Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM393D Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DUAL VOLTAGE COMPARATOR
LM393
TYPICAL APPLICATIONS
HTC
- 4 -
LAMP
V+(12VDC)
2N2222
+vc
FREQUENCY
CONTROL
VOLTAGE
INPUT
100㏀
500㎊
50㏀
20㏀
20㏀
V+
10
OUTPUT1
OUTPUT2
0.01㎌
V+/2
+
-
+
-
3.0㏀
100㏀
V+/2
0.01㎌
5.1㏀
3.0㏀
V+
-
+
TWO-DECADE HIGH-FREQUENCY VCO
+VREF HI
-
+
-
+
Rs
2Rs
~
+VIN
+VREF LOW
LIMIT COMPARATOR
2Rs
10㏀
+VREF
(-1.4VDC)
-
+
V0
-12VDC
10㏀
-5VDC
-12V
0
TTL-TO-MOS LOGIC CONVERTER
2.0㏀
100㏀
f=100㎑
0.1㎌
200㏀
CRYSTAL
+
-
0
V0
V+
200㏀
V+
CRYSTAL-CONTROLLED OSCILLATOR
+5VDC
360
100K
+
-
+5VDC
100
+VREF4
360
100K
+
-
100
+VREF1
V0
VISIBLE VOLTAGE INDICATOR
V+=+30VCC
+25㎷DC≤VC≤+50VDC
700Hz≤fO≤100kHz
360
100K
+
-
100
+VREF3
+5VDC
360
100K
+
-
100
+VREF2
+5VDC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com