Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393D Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM393D
Description  DUAL VOLTAGE COMPARATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM393D Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM393D Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM393D Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM393D Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM393D Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DUAL VOLTAGE COMPARATOR
LM393
TYPICAL PERFORMANCE CHARACTERISTICS
HTC
- 3 -
V
+-SUPPLY VOLTAGE-V
DC
10
40
INPUT CURRENT
IO-OUTPUT SINK CURRENT(㎃)
0.001
0.01
1.0
10
0.01
10
OUTPUT SATURATION VOLTAGE
0
20
40
60
80
20
30
0.1
1.0
0.1
100
OUT OF
SATURATION
TA=-55℃
TA=0℃
TA=+125℃
TA=+25℃
TA=+70℃
TA=+125℃
TA=-55℃
TA=+25℃
RESPONSE TIME FOR VARIOUS
INPUT OVERDRIVES-
POSITIVE TRANSITION
-100
0
0.5
1.5
-50
2
RESPONSE TIME FOR VARIOUS
INPUT OVERDRIVES-
NEGATIVE TRANSITION
1
0
1.0
6
TIME-㎲
0
3
4
5
2.0
OVERDRIVE
5㎷=INPUT OVERDRIVE
VIN
5.1K
VOUT
+5V
+
-
TA=25℃
0
0
0.5
1.5
50
2
1
100
1.0
6
TIME-㎲
0
3
4
5
2.0
OVERDRIVE
INPUT OVERDRIVE=100㎷
20㎷
VIN
5.1K
VOUT
+5V
+
-
TA=25℃
5㎷
VIN(CM)=10VDC
RIN(CM)
20㎷
100㎷
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com