Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM2575
Description  1A, 52kHz, Step-Down Switching Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2575 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM2575 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1A, 52kHz, Step-Down Switching Regulator
LM2575
ABSOLUTE MAXIMUM RATINGS
(Absolute Maximum Ratings indicate limits beyond which damage to the device may occur)
Maximum Junction Temperature
TJ
150
Lead Temperature (Soldering,10seconds)
-
260
Minimum ESD Rating(Human Body Model :
-
2.0
kV
C=100 pF, R=1.5㏀)
Storage Temperature Range
Tstg
-60 to +150
Thermal Resistance, Juntion to Case
PθJC
5.0
℃/W
Internally Limited
W
Thermal Resistance, Juntion to Ambient
PθJA
70
℃/W
TO-220 5Lead
PD
Thermal Resistance, Juntion to Ambient
PθJA
Thermal Resistance, Juntion to Case
PθJC
TO-263 5Lead
PD
Power Dissipation
Internally Limited
W
65
℃/W
5.0
℃/W
45
-
- 1.0
V
Rating
Symbol
Value
Unit
HTC
2 −
V
On/Off Pin Input Voltage
-
-0.3V ≤ V ≤ +Vin
V
Output Voltage to Ground (Steady-State)
Maximum Supply Voltage
Vin
Typical Application (Fixed Output Voltage Versions)
Figure 1. Block Diagram and Typical Application
LM2575
1A Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com