Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM2575
Description  1A, 52kHz, Step-Down Switching Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2575 Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM2575 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1A, 52kHz, Step-Down Switching Regulator
LM2575
FEATURES
3.3V, 5.0V, 12V, 15V, and Adjustable Output Versions
Adjustable Version Output Voltage Range, 1.23 to 37V
+/- 4% AG10 Maximum Over Line and Load Conditions
Guaranteed 1A Output Current
Wide Input Voltage Range
Requires Only 4 External Components
52kHz Fixed Frequency Internal Oscillator
TTL Shutdown Capability, Low Power Standby Mode
High Efficiency
Uses Readily Available Standard Inductors
Thermal Shutdown and Current Limit Protection
Moisture Sensitivity Level 3
Applications
Simple High-Efficiency Step-Down(Buck) Regulator
Efficient Pre-Regulator for Linear Regulators
On-Card Switching Regulators
Positive to Negative Converter(Buck-Boost)
Negative Step-Up Converters
Power Supply for Battery Chargers
DESCRIPTION
ORDERING INFORMATION
The LM2575 series of regulators are monolithic integrated
circuits ideally suited for easy and convenient design of a
step-down switching regualtor(buck converter).
All circuits of this series are capable of driving a 1A load
with excellent line and load regulation. These devices are
available in fixed output voltages of 3.3V, 5.0V,12V, 15V,
and an adjustable output version.
These regulatiors were designed to minimize the number of externalcomponents to simplify the
power supply design. Standard series of inductors optimized for use with the LM2575 are offered
by several different inductor manufacturers.
Since the LM2575 converter is a switch-mode power supply, its efficiency is significantly higher in
comparison with popular three-terminal limear reguators, especially with higher input voltages.
available from several different manufacturers. This feature greatly simplifies the design of
switch-mode power supplies. The LM2575 features include a guaranteed +/- 4% tolerance
on output voltage within specified input voltages and output load conditions, and +/-10% on the
oscillator frequency (+/- 2% over 0℃ to 125 ℃).
External shutdown is included, featuring 80 ㎂(typical) standby current. The output switch includes
cycle-bycycle current limiting, as well as thermal shutdown for full protection under fault conditions.
2008 - Ver. 1.0
HTC
1 −
Device
Marking
Package
LM2575T-X.X
LM2575T-X.X
TO-220
In many cases, the power dissipated is so low that no heatsink is required or its size could
be reduced dramatically. A standard series of inductors optimized for use with the LM2575 are
LM2575TV-X.X
LM2575T-X.X
LM2575R
LM2575R-X.X
TO-263
TO-220V
1. Vin 2. Output
3. Ground
4. Feedback 5. On/Off
1
5
1
5
1
5
TO-220 PKG
TO-263 PKG
TO-220V PKG


Similar Part No. - LM2575

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2575 MOTOROLA-LM2575 Datasheet
382Kb / 28P
EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
ON Semiconductor
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
logo
Semtech Corporation
LM2575 SEMTECH-LM2575 Datasheet
441Kb / 19P
1A & 3A Miniconverter Switching Regulators
logo
Micrel Semiconductor
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
52kHz Simple 1A Buck Regulator
logo
Texas Instruments
LM2575 TI-LM2575 Datasheet
195Kb / 12P
1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results

Similar Description - LM2575

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
1A STEP DOWN SWITCHING REGULATOR
May-2000
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
1A step-down switching regulator
16-Oct-2007
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
1A step down switching regulator
03-Apr-2007
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
3.0A, 52kHz, Step-Down Switching Regulator
LM2576 HTC-LM2576_11 Datasheet
413Kb / 11P
3A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
1A Micropower Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576HV HTC-LM2576HV Datasheet
592Kb / 7P
3A, 52kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
3A | 52kHz Step-Down Switching Regulator
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
3A | 52kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com