Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 8 Page - HTC Korea TAEJIN Technology Co.

Part # LM2575
Description  1A, 52kHz, Step-Down Switching Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2575 Datasheet(HTML) 8 Page - HTC Korea TAEJIN Technology Co.

Back Button LM2575 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 12Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
1A, 52kHz, Step-Down Switching Regulator
LM2575
This pin is the positive input supply for the LM2575 step–down switching
regulator.In order to minimize voltage transients and to supply the switching
currents needed by the regulator, a suitable input bypass capacitor must be
present .(Cin in Figure 1).
This is the emitter of the internal switch. The saturation voltage Vsat of this
output switch is typically 1.5 V. It should be kept in mind that the PCB area
connected to this pin should be kept to a minimum in order to minimize
coupling to sensitive circuitry.
Circuit ground pin. See the information about the printed circuit board layout.
This pin senses regulated output voltage to complete the feedback loop.
The signal is divided by the internal resistor divider network R2, R1 and
applied to the non–inverting input of the internal error amplifier. In the
Adjustable version of the LM2575 switching regulator this pin is the direct
input of the error amplifier and the resistor network R2, R1 is connected
externally to allow programming of the output voltage.
It allows the switching regulator circuit to be shut down using logic level
signals, thus dropping the total input supply current to approximately 80 mA.
The threshold voltage is typically 1.4 V. Applying a voltage above this value
(up to +Vin) shuts the regulator off. If the voltage applied to this pin is lower
than 1.4V or if this pin is left open, the regulator will be in the "on" condition
Feedback
HTC
−
8 −
4
5
ON/OFF
2
Gnd
3
Description
Symbol
1
Vin
Output
PIN FUNCTION DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com