Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM2575
Description  1A, 52kHz, Step-Down Switching Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2575 Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM2575 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM2575 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
1A, 52kHz, Step-Down Switching Regulator
LM2575
All Output Voltage Versions
㎂
TJ= 0 to +125℃
47
-
58
%
A
mA
ICL
IL
nA
kHz
V
㎂
11
50
30
6.9
9
Min
TYP
94
98
1.2
42
-
-52
Max Duty Cycle ("0") [Note 5]
DC
mA
-
7.5
-
Output = -1.0V
-
1.7
Feedback Bias Current (Vout=5.0V [Adjustable Version Only])
Ib
1.4
-
ON/OFF Pin = 0V (Regulator ON), TJ=25℃
IIL
-
0
5.0
ON/OFF Pin = 5.0V (Regulator OFF), TJ=25℃
IIH
-15
30
ON/OFF Pin Input Current (Test Circuit Figure 15)
1
TJ= -40 to +125℃
-
-
0.8
TJ=25℃
-
1.2
-
Vout=Nominal Output Voltage
VIH
VIL
-
TJ= -40 to +125℃
2.4
-
TJ=25℃
2.2
1.4
Vout=0V
400
ON/OFF Pin Logic Input Level (Test circuit Figure 15)
TJ= -40 to +125℃
--
TJ=25℃
-
80
200
Standby Quiescent Current (ON/OFF Pin = 5.0V ("off"))
ISTBY
TJ= -40 to +125℃
--
TJ=25℃
-5
Quiescent Current [Note 6]
IQ
6
Output = 0V
-
0.8
Output Leakage Current [Note 6 and 7], TJ=25℃
TJ= -40 to +125℃
3.5
5.8
Current Limit (Peak Current [Note 3 and 4])
TJ=25℃
4.2
63
TJ= -40 to +125℃
--
Vsat
TJ=25℃
-
Saturation Voltage (Iout=1A [note 4])
TJ= -40 to +125℃
--
Fosc
TJ= -40 to +125℃
Unit
Max
Characteristics
Symbol
HTC
−
4 −
TJ=25℃
-
25
100
200
Oscillator Frequency [Note 3]
V
TJ=25℃
V
ELECTRICAL CHARACTERISTICS / Device Parameters
(Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable version, Vin = 25 V for the 12
V version, and Vin = 30 V for the 15 V version. ILoad = 500 mA. For typical values TJ = 25°C, for min/max
values TJ is the operating junction temperature range that applies [Note 2], unless otherwise noted.)
3. The oscillator frequency reduces to approximately 18 kHz in the event of an output short or an overload
which causes the regulated output voltage to drop approximately 40% from the nominal output voltage.
This self protection feature lowers the average dissipation of the IC by lowering the minimum duty cycle
from 5% down to approximately 2%.
4. Output (Pin 2) sourcing current. No diode, inductor or capacitor connected to output pin.
5. Feedback (Pin 4) removed from output and connected to 0 V.
6. Feedback (Pin 4) removed from output and connected to +12 V for the Adjustable, 3.3 V, and 5.0V ersions,
and +25 V for the 12 V and15 V versions, to force the output transistor “off”.
7. Vin = 40 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com