Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

376LP3E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 376LP3E
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

376LP3E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  376LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 376LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 376LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 376LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 376LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 376LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 5
Pin Number
Function
Description
Interface Schematic
1, 4, 5, 7, 9,
12 - 14, 16
N/C
No connection necessary. These pins may be connected
to RF/DC ground. Performance will not be affected.
2RFIN
This pin is matched to 50 Ohms with a 47 nH
inductor to ground. See application circuit.
3, 6, 10
GND
These pins and package bottom must be
connected to RF/DC ground.
8Res
This pin is used to set the DC current of the amplifier
by selection of external bias resistor.
See application circuit.
11
RFOUT
This pin is AC coupled and matched
to 50 Ohms from 0.7 - 1.0 GHz.
15
Vdd
Power supply voltage. Choke inductor and bypass
capacitors are required. See application circuit.
Pin Descriptions
Application Circuit
Note 1: L1, L2 and C1 should be located as close to the pins as possible.
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 700 - 1000 MHz
HMC376LP3 / 376LP3E
v01.0610



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com